Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M2BCP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2BCP
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M2BCP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC27M2BCP Datasheet HTML 17Page - Texas Instruments TLC27M2BCP Datasheet HTML 18Page - Texas Instruments TLC27M2BCP Datasheet HTML 19Page - Texas Instruments TLC27M2BCP Datasheet HTML 20Page - Texas Instruments TLC27M2BCP Datasheet HTML 21Page - Texas Instruments TLC27M2BCP Datasheet HTML 22Page - Texas Instruments TLC27M2BCP Datasheet HTML 23Page - Texas Instruments TLC27M2BCP Datasheet HTML 24Page - Texas Instruments TLC27M2BCP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051C – OCTOBER 1987 – REVISED MAY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 18
0
IOL – Low-Level Output Current – mA
1
8
0
12
3
4
5
6
7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VDD = 3 V
VDD = 5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 4 V
VID = – 1 V
VIC = 0.5 V
TA = 25°C
Figure 19
0
IOL – Low-Level Output Current – mA
3
30
0
5
10
15
20
25
0.5
1
1.5
2
2.5
TA = 25°C
VIC = 0.5 V
VID = – 1 V
VDD = 16 V
VDD = 10 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 20
0
500
16
0
2
4
6
8
10
12
14
50
100
150
200
250
300
350
400
450
RL = 100 kΩ
TA = – 55°C
–40
°C
0
°C
25
°C
70
°C
85
°C
125
°C
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
Figure 21
450
400
350
300
250
200
150
100
50
100
75
50
25
0
–25
–50
0
125
500
TA – Free-Air Temperature – °C
–75
VDD = 10 V
RL = 100 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VDD = 5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com