Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWFC4202 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWFC4202
Description  Single Window Single Mode Wideband Fiber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC4202 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWFC4202 Datasheet HTML 1Page - OPLINK Communications Inc. SWFC4202 Datasheet HTML 2Page - OPLINK Communications Inc. SWFC4202 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Features
SWFC Series
980 nm
1310
nm
S
Band
C
Band
L
Band
C+L
Band
Unit
Wavelength Range
970~ 990
1270~
1350
1420~
1500
1530~
1565
1570~
1605
1530~
1610
nm
Fiber Type
CorningHI980
CorningHI1060
OFSBF05635-02
Corning SMF-28
Insertion Loss [1]
See Insertion Loss Table I, II, III
dB
Return Loss (Min)
55
dB
Directivity (Min)
55
dB
TDL [2] (Max)
Signal Path: <0.1dB, Tap Path: <0.15 dB
dB
Maximum Power Handling
4
W
Operating Temperature
Range [3]
- 40 to + 75
°C
Storage Temperature
Range
- 40 to + 85
°C
Package Dimensions **
P1: 250 µm bare fiber
P2: 900 µm loose tube
P3: 3mm cable
(Ø) 3.0 x (L) 47.0
(Ø) 3.0 x (L) 60.0
(L) 96.0 x (W) 12.0 x (H) 6.4
mm
Applications
Performance Specificationns
Note:
[1] Values are referenced without connector loss.
[2] Temperature Sensitivity Coefficient ~0.002dB/°C at the range of –5 to 75°C.
[3] Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors
[4] The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Port 1 In
L
Ø
Port 2 Main (High%)
Port 3 Tap (Low%)
Port 4 (terminated for
1x2 conguration)
R07.20081210
Single Window Single Mode Wideband
Fiber Coupler (980, 1310, S, C, L, and C+L band)
SWFC Series
The Oplink fused single window wideband fiber 1x2 (2x2) couplers provide
accurate optical signal coupling and splitting over wide bandwidth with high
performance and high reliability. These couplers have excellent uniformity,
low excess loss and very low polarization sensitivity and are available with
various tap ratios, wavelength ranges, fiber types, and connector options. All
devices are shown to be able to handle high optical power up to 4W and are
tested according to industry standard procedures. Reliability is guaranteed
through stringent tests to fully meet Telcordia GR-1221 requirements.
Wavelength Independent
Low Insertion Loss and PDL
High Power Handling
Guranteed Reliability
Signal monitoring in EDFA
Network Monitoring
CATV
Local Area Networks
Testing Instruments
Laboratory R&D


Similar Part No. - SWFC4202

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC4210A OPLINK-SWFC4210A Datasheet
190Kb / 3P
Mini Single Window Single Mode Fiber Coupler
SWFC4210P OPLINK-SWFC4210P Datasheet
190Kb / 3P
Mini Single Window Single Mode Fiber Coupler
SWFC4215A OPLINK-SWFC4215A Datasheet
190Kb / 3P
Mini Single Window Single Mode Fiber Coupler
SWFC4215P OPLINK-SWFC4215P Datasheet
190Kb / 3P
Mini Single Window Single Mode Fiber Coupler
SWFC4220A OPLINK-SWFC4220A Datasheet
190Kb / 3P
Mini Single Window Single Mode Fiber Coupler
More results

Similar Description - SWFC4202

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
Dual Window Single Mode Wideband Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
Single Window Single-Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
Dual Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com