Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWFC6202 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # SWFC6202
Description  Single Window Single Mode Wideband Fiber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC6202 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  SWFC6202 Datasheet HTML 1Page - OPLINK Communications Inc. SWFC6202 Datasheet HTML 2Page - OPLINK Communications Inc. SWFC6202 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SWFC
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Insertion Loss (IL) III : 980nm coupler
0
0
Package & Fiber Type
Tap Ratio
Grade
Type
P1 + Corning SMF-28 = 11
P2 + SMF-28 in 900 µm loose tube = 22
P3 + SMF-28 in 3 mm cable = 33
P1 + Corning HI1060 = 16
P1 + Corning HI980 = 19
P1 + OFS BF05635-02 = 17
P2 + Corning HI1060 = 26
P2 + Corning HI980 = 29
P2 + OFS BF05635-02 = 27
P3 + Corning HI1060 = 36
P3 + Corning HI980 = 39
P3 + OFS BF05635-02 = 37
50/50 = 50
45/55 = 45
40/60 = 40
35/65 = 35
30/70 = 30
25/75 = 25
20/80 = 20
15/85 = 15
10/90 = 10
5/95 = 05
3/97 = 03
2/98 = 02
1/99 = 01
Premium Grade = P
A Grade = A
1x2 = 1
2x2 = 2
Wavelength
Fiber Length**
980 nm = 9
1310 nm = 3
C band = 5
S band = 4
L band = 6
C+L band = 1
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Single Window Single Mode Wideband Fiber
Coupler (980, 1310, S, C, L, and C+L band)
SWFC Series
R07.20081210
Notes :
* For HI1060, HI980 and OFS BF05635-02 fiber type, the Connector Option is None.
** The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead time for special fiber length will be longer.
Coupling Ratio
P Grade
A Grade
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤0.20
18.5-21.0
≤0.10 ≤1.00
≤0.05 ≤0.12
≤0.25
15.5-21.5
≤0.15 ≤1.20
≤0.07 ≤0.15
98/2
≤0.27
15.7-18.9
≤0.15 ≤1.00
≤0.05 ≤0.12
≤0.32
14.8-19.8
≤0.20 ≤1.15
≤0.07 ≤0.15
97/3
≤0.33
13.9-16.9
≤0.17 ≤1.00
≤0.05 ≤0.12
≤0.37
13.2-17.7
≤0.22 ≤1.15
≤0.07 ≤0.15
95/5
≤0.38
11.4-14.8
≤0.20 ≤0.90
≤0.05 ≤0.12
≤0.50
11.2-15.2
≤0.25 ≤1.10
≤0.07 ≤0.15
90/10
≤0.60
9.20-11.3
≤0.25 ≤0.70
≤0.07 ≤0.12
≤0.70
8.70-11.7
≤0.35 ≤0.75
≤0.10 ≤0.15
85/15
≤1.00
7.40-9.00
≤0.25 ≤0.65
≤0.10 ≤0.12
≤1.20
7.00-9.60
≤0.35 ≤0.75
≤0.10 ≤0.15
80/20
≤1.30
5.70-7.90
≤0.25 ≤0.60
≤0.10 ≤0.12
≤1.50
5.40-8.50
≤0.35 ≤0.75
≤0.10 ≤0.15
75/25
≤1.65
5.10-6.80
≤0.30 ≤0.55
≤0.10 ≤0.10
≤1.85
4.80-7.30
≤0.40 ≤0.70
≤0.10 ≤0.15
70/30
≤1.90
4.30-6.00
≤0.35 ≤0.50
≤0.10 ≤0.10
≤2.20
4.20-6.40
≤0.45 ≤0.65
≤0.10 ≤0.15
65/35
≤2.10
3.75-5.35
≤0.35 ≤0.45
≤0.10 ≤0.10
≤2.40
3.50-5.60
≤0.45 ≤0.60
≤0.10 ≤0.15
60/40
≤2.60
3.40-4.70
≤0.35 ≤0.40
≤0.10 ≤0.10
≤2.80
3.20-4.70
≤0.45 ≤0.55
≤0.10 ≤0.15
55/45
≤2.90
2.85-4.10
≤0.35 ≤0.35
≤0.10 ≤0.10
≤2.95
3.05-4.25
≤0.45 ≤0.50
≤0.10 ≤0.15
50/50
2.70-3.40
≤0.30
≤0.10
2.60-3.60
≤0.45
≤0.15
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the specified wavelength range.
3. Insertion loss change over the all input polarization states.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com