Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC272AIP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272AIP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272AIP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC272AIP Datasheet HTML 9Page - Texas Instruments TLC272AIP Datasheet HTML 10Page - Texas Instruments TLC272AIP Datasheet HTML 11Page - Texas Instruments TLC272AIP Datasheet HTML 12Page - Texas Instruments TLC272AIP Datasheet HTML 13Page - Texas Instruments TLC272AIP Datasheet HTML 14Page - Texas Instruments TLC272AIP Datasheet HTML 15Page - Texas Instruments TLC272AIP Datasheet HTML 16Page - Texas Instruments TLC272AIP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091B – OCTOBER 1987 – REVISED AUGUST 1994
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC272I, TLC272AI,
TLC272BI, TLC277I
UNIT
A
MIN
TYP
MAX
25
°C
3.6
VIPP = 1 V
–40
°C
4.5
SR
Slew rate at unity gain
RL = 10 kΩ,
CL =20 pF
85
°C
2.8
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
25
°C
2.9
V/
µs
See Figure 1
VIPP = 2.5 V
–40
°C
3.5
85
°C
2.3
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
25
nV/
√Hz
VV
C20 F
25
°C
320
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =10kΩ
CL = 20 pF,
See Figure 1
–40
°C
380
kHz
RL = 10 kΩ,
See Figure 1
85
°C
250
V10
V
C20 F
25
°C
1.7
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
–40
°C
2.6
MHz
See Figure 3
85
°C
1.2
V10 mV
fB
25
°C
46
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF
f = B1,
See Figure 3
–40
°C
49
°
CL = 20 F,
See Figure 3
85
°C
43
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC272I, TLC272AI,
TLC272BI, TLC277I
UNIT
A
MIN
TYP
MAX
25
°C
5.3
VIPP = 1 V
–40
°C
6.8
SR
Slew rate at unity gain
RL = 10 kΩ,
CL =20 pF
85
°C
4
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
25
°C
4.6
V/
µs
See Figure 1
VIPP = 5.5 V
–40
°C
5.8
85
°C
3.5
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
25
nV/
√Hz
VV
C20 F
25
°C
200
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =10kΩ
CL = 20 pF,
See Figure 1
–40
°C
260
kHz
RL = 10 kΩ,
See Figure 1
85
°C
130
V10
V
C20 F
25
°C
2.2
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
–40
°C
3.1
MHz
See Figure 3
85
°C
1.7
V10 mV
fB
25
°C
49
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f = B1,
See Figure 3
–40
°C
52
°
CL = 20 F,
See Figure 3
85
°C
46
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com