Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC277MP Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC277MP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC277MP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC277MP Datasheet HTML 21Page - Texas Instruments TLC277MP Datasheet HTML 22Page - Texas Instruments TLC277MP Datasheet HTML 23Page - Texas Instruments TLC277MP Datasheet HTML 24Page - Texas Instruments TLC277MP Datasheet HTML 25Page - Texas Instruments TLC277MP Datasheet HTML 26Page - Texas Instruments TLC277MP Datasheet HTML 27Page - Texas Instruments TLC277MP Datasheet HTML 28Page - Texas Instruments TLC277MP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091B – OCTOBER 1987 – REVISED AUGUST 1994
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 26
AV = 1
VIPP = 1 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
See Figure 1
8
7
6
5
4
3
2
1
14
12
10
8
6
4
2
0
16
VDD – Supply Voltage – V
0
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 27
VIPP = 1 V
VDD = 10 V
VIPP = 2.5 V
VDD = 5 V
VIPP = 1 V
VDD = 5 V
VDD = 10 V
VIPP = 5.5 V
–75
0
1
2
3
4
5
6
7
8
100
75
50
25
0
–25
– 50
125
TA – Free-Air Temperature – °C
SLEW RATE
vs
FREE-AIR TEMPERATURE
AV = 1
RL = 10 kΩ
CL = 20 pF
See Figure 1
Figure 28
VDD = 5 V
VDD = 10 V
1.5
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
CL = 20 pF
RL = 10 kΩ
VIPP = 1 V
AV = 1
100
75
50
25
0
–25
–50
125
TA – Free-Air Temperature – °C
–75
NORMALIZED SLEW RATE
vs
FREE-AIR TEMPERATURE
Figure 29
TA = – 55°C
TA = 25°C
TA = 125°C
RL = 10 kΩ
See Figure 1
VDD = 5 V
VDD = 10 V
1000
100
9
8
7
6
5
4
3
2
1
0
10000
10
f – Frequency – kHz
10
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com