Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32044 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC32044
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32044 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC32044 Datasheet HTML 24Page - Texas Instruments TLC32044 Datasheet HTML 25Page - Texas Instruments TLC32044 Datasheet HTML 26Page - Texas Instruments TLC32044 Datasheet HTML 27Page - Texas Instruments TLC32044 Datasheet HTML 28Page - Texas Instruments TLC32044 Datasheet HTML 29Page - Texas Instruments TLC32044 Datasheet HTML 30Page - Texas Instruments TLC32044 Datasheet HTML 31Page - Texas Instruments TLC32044 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F – MARCH 1988 – REVISED MAY 1995
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 3. Gain Control Table (Analog Input Signal Required for Full-Scale A/D Conversion)
INPUT CONFIGURATIONS
CONTROL REGISTER
BITS
ANALOG INPUT‡
A/D
CONVERSION
d6
d7
RESULT
Diff
ti l
fi
ti
1
1
±6V
Full scale
Differential configuration
Analog input =IN +–IN –
0
0
±6 V
Full - scale
Analog in ut = IN + – IN –
= AUX IN + – AUX IN –
1
0
±3 V
Full - scale
= AUX IN +
AUX IN
0
1
±1.5 V
Full - scale
Si
ld d
fiti
1
1
±3V
Half scale
Single-ended configuration
Analog input = IN + – ANLG GND
0
0
±3 V
Half - scale
Analog in ut = IN + – ANLG GND
= AUX IN + – ANLG GND
1
0
±3 V
Full - s ale
= AUX IN +
ANLG GND
0
1
±1.5 V
Full - scale
‡ In this example, Vref is assumed to be 3 V. In order to minimize distortion, it is recommended that the analog
input not exceed 0.1 dB below full scale.
Figure 7. IN + and IN – Gain Control Circuitry
–
+
+
–
Rfb
Rfb
R
R
IN +
IN –
To Multiplexer
Rfb = R for d6 = 1, d7 = 1
d6 = 0, d7 = 0
Rfb = 2R for d6 = 1, d7 = 0
Rfb = 4R for d6 = 0, d7 = 1
Figure 8. AUX IN + and AUX IN –
Gain Control Circuitry
–
+
+
–
Rfb
Rfb
R
R
AUX IN +
AUX IN –
Rfb = R for d6 = 1, d7 = 1
d6 = 0, d7 = 0
Rfb = 2R for d6 = 1, d7 = 0
Rfb = 4R for d6 = 0, d7 = 1
To Multiplexer
(sin x) / x correction
The AIC does not have (sin x)/x correction circuitry after the digital-to-analog converter. (Sin x)/x correction can
be accomplished easily and efficiently in digital signal processor (DSP) software. Excellent correction accuracy
can be achieved to a band edge of 3000 Hz by using a first-order digital correction filter. The results, which are
shown in Table 4, are typical of the numerical correction accuracy that can be achieved for sample rates of
interest. The filter requires only seven instruction cycles per sample on the TMS(SMJ)320 DSPs. With a 200-ns
instruction cycle, nine instructions per sample represents an overhead factor of 1.4% and 1.7% for sampling
rates of 8000 Hz and 9600 Hz, respectively. This correction adds a slight amount of group delay at the upper
edge of the 300 – 3000-Hz band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com