Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC40C Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MPC40C
Description  MICROSPACE Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPC40C Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MPC40C Datasheet HTML 1Page - ADL Embedded Solutions MPC40C Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE® Systems
All Data subject to change without notice
Feature
Function
Remark
CPU / Chipset
Intel Pentium P738
Upgrade / Downgrade possible
2nd Level Cache
2048kB
CPU dependent
Equivalent Pentium4 Performance
2.8GHz
CPU dependent
Chipset
Intel 855GME
Memory
512MB
Upgrade to 1GB available
Hard Disk
40GB
Can be upgraded to 80, 160 GB or 40GB extended temp.
Compact Flash
--
Upgrade to CF available
Optical drive
CD/DVD-RW-Combo-Drive
Available without optical drive
Video Controller
855GME
Video Memory
64MB
3D-Support
DirectX9 compatible
1. Video Interface
QXGA
2. Video Interface
DVI
3. Video Interface
TV
Resolution max.
2048 x 1536
@75Hz
Keyboard, Mouse
1x PS/2
Serial Interface
COM1
RS232C
Parallel Interface
LPT
USB
5x USB 2.0
IrDA
115kBaud
TV-Input/Framegrabber
3x BT878A,
BNC
MPEG2 + AC3 Encoder
LAN Port A
1x 10/100Base-T
RJ45
LAN Port B & C
RPL/PXE Intel LAN-Boot/Wake up
yes/yes
Audio Controller
AC97-2.3
Power Input/Consumption
10V - 30V DC
typ. 35W
Power Supply Adapter
110/220V AC
Power Saving
Suspend/Resume, Instant On
ON/OFF
Soft Off
Conformity
CE, FCC, E1
Protection class
IP50
Dimensions
159 x 245 x 66 mm
Case
molded aluminum
Color
Anthracite/blue anodized
Weight (gr)
3kg
Noise
<30dB(A)
Operating Temperature Normal
+5°C to +50°C
Extended Operating Temperature
-40°C to +70°C
No optical drive, with preheat option
Vibration/Shock incl. HD/CD/DVD
1 / 10G
MTBF
60´000h
Verified Operating System
WIN2000, WIN XP, LINUX
Technical Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com