Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCF40 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MPCF40
Description  MICROSPACE System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPCF40 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MPCF40 Datasheet HTML 1Page - ADL Embedded Solutions MPCF40 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com
MICROSPACE System
All Data subject to change without notice
MPCF40 / MPCF40-19
Feature
• Pentium M P - 738 Standard
• 512 MB Memory
• 40GB disk
• 2x USB V2.0
• LAN-Port A100MBite/s,
• LPT and COM1
• DirectX 9 compatible, 64MB video Memory,
• MiniPCI connector
• Fanless operating temperature +5°C to +50°C
• Small Dimensions: 250 x 300 x 41mm
Description
The MICROSPACE PC normally comes equipped with a hard
disk, memory, video, USB ports, LAN ports and has been factory
tested to assure functionality. Each model has a unique feature
incorporated to differentiate it from the other models. The unit can
come pre-configured with the operating system and drivers in-
stalled.
The MICROSPACE PC F40 may be installed horizontally or verti-
cally as well as mounted in a vehicle or to the back of a Display—
it is very versatile. Its compact and flat size makes the computer
easy to install in places where limited space is available. The
MICROSPACE PC also works well in extremely dusty environ-
ments, since no dust particles are drawn in (fan-less design) as it
is protected by the extremely flat aluminum case. It is designed for
maintenance free long-term operating in a rugged environment.
These are the special features of the MICROSPACE PC which
make it the smallest, quietest PC we know of in the market with
this much processing power. Each MICROSPACE PC model is
equipped with unique features and a wide range of options.
Please see backside for details and contact our Sales office.
Ordering Information
Item Codes
Part#
Description
MPCF40
809500
Without display
MPCF40-19
809500
With display
Options
MPCF40 mount.-kit 814056
Mounting kit to attach to back of LCD
1 GB upgrade
807363
Upgrade with 1GB DDR memory
HD removed
807377
Remove Hard Drive
80GB HDD
807365
Upgrade to 80GB Hard Drive
20GB ext. temp HD 807366
Replace std drive w/Extended temp.
DVD/CDRW
807371
Upgrade CDROM to DVD/CDRW
CD upgrade
TBD
CF-R drive
Celeron-M300
807356
Replace CPU with CeleronM300
Celeron-M373
807357
Replace CPU with CeleronM373
Pentium–M745
807358
Replace CPU with Pentium M745
US Power Cable
100-9639 US Power Cable
Active cooler
814190
USB 5VDC fan
MPC-AC-cooler
814195
Mechanical interface to a vehicle A/C
*More options may be available, please contact our Sales office*


Similar Part No. - MPCF40

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
MPCF6N65A FS-MPCF6N65A Datasheet
357Kb / 5P
ZeroReverse Recovery Current
2021. 05. 20 Revision No : 0
MPCF8N65A FS-MPCF8N65A Datasheet
3Mb / 7P
Zero Reverse Recovery Current
2021. 11. 30 Revision No : 0
More results

Similar Description - MPCF40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM5865SEV ETC1-MSM5865SEV Datasheet
37Kb / 1P
MICROSPACE MSM586 PC/104 Processor Board with LAN VGA/LCD
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
MPC40A ADL-MPC40A Datasheet
189Kb / 2P
MICROSPACE Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX47 ADL-PCX47 Datasheet
223Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPC40C ADL-MPC40C Datasheet
231Kb / 2P
MICROSPACE Systems
MPCV800 ADL-MPCV800 Datasheet
188Kb / 2P
MICROSPACE PC Systems
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com