Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSEP855 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSEP855
Description  smartCore dependent see below
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSEP855 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSEP855 Datasheet HTML 1Page - ADL Embedded Solutions MSEP855 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROSPACE - EPIC
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Intel Celeron-M/Pentium-M 0.8GHz to 1.8GHz - MSEP855(L)
Feature
• Intel Celeron M, Pentium M
• 600MHz up to 1.8GHz
• SODIMM Socket
• 24Bit Digital I/O (not in light version)
• 10/100 Base-T LAN-Ethernet
• 1GBit Ethernet (not in light version)
• up to 6x USB V2.0 Ports
• 1 or 2 PATA (IDE) Ports
• COM1, COM2, LPT1,
• RTC and Watchdog Timer
• PC/104(+) BUS Connector (optional for light version)
• CF Type II Socket (not in light version)
• AC97 Stereo Sound
• 10-30VDC Wide Range Input
Description
With the MICROSPACE Embedded Board MSEP855
and MSEP855L Advanced Digital-Logic offers an em-
bedded computer board based on either the Intel Cel-
eron-M/Pentium-M. These boards are in the EPIC size
standard.
The standard MSEP855 also incorporates USB V2.0,
graphics, 10/100 and 1GBit LAN-Ethernet, COM1 &
COM2 and COM3&4 as TTL and the possibility of ex-
pandable functions via PC/104plus (ISA and PCI) as
well as specialized expansion Boards (see options). Up
to 3 parallel displays (VGA, DVI, LVDS) may show 3
similar or 2 different pictures.
Ordering Information
Item Codes
Part#
Description
MSEP855
804000
0.8 - 1.8GHz, (smartCore dependent see below)
MSEP855L
804002
Light version of MSEP855 (see back for details)
Options
MSEPCONI
804012
Plug-in board with COM3/4, LPT, PS2
MSEP-RS422
804020
Converter for 1 RS232 to 422 opto
MSEP-RS485
804021
Converter for 1 RS232 to 485 opto.
MSEPCONM
804010
Plug-in board w/DVI, sound (in/out) mic in
MSEPPWR
804014
Filtered power in board, 10-30VDC IN
SmartModules for MSEP855
SM855-C140
805190
Celeron-M 1.0GHz, 0 L2 Cache
SM855-C300
805166
Celeron-M 600MHz, 512 L2 Cache
SM855-C373
805163
Celeron-M 1.0GHz, 512k L2 Cache
SM855-P738
805164
Pentium M 738, 1.4GHz, 2048k L2 Cache
SM855-P745
805168
Pentium-M 745, 1.8GHz, 2048k L2 Cache
Memory Options
DDR-DRAM256-3 994825
256MB 333 MHz DDR
DDR-DRAM512-3 994925
512MB 333 MHz DDR
DDR-DRAM1024-3
994025
1024MB 333 MHz DDR
Other options may be available
Extended Temp. DRAM available.


Similar Part No. - MSEP855

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSEP800 ADL-MSEP800 Datasheet
192Kb / 2P
500MHz - Geode, 128K Cache
More results

Similar Description - MSEP855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALX-202-027 ETC-ALX-202-027 Datasheet
62Kb / 1P
CAMP DEPENDENT PROTEIN KINASE
logo
Molex Electronics Ltd.
0688014044 MOLEX11-0688014044 Datasheet
312Kb / 3P
SEE TABLE
63824-4600 MOLEX11-63824-4600 Datasheet
450Kb / 3P
The 63824-4600 Extraction Tool is designed to remove crimp terminals from Nano-Fit power connectors See below.
SD-68801-115 MOLEX11-SD-68801-115 Datasheet
312Kb / 3P
SEE TABLE
logo
Taoglas antenna solutio...
TG.22.0111 TAOGLAS-TG.22.0111 Datasheet
3Mb / 33P
ground dependent
TG.22.0151 TAOGLAS-TG.22.0151 Datasheet
5Mb / 33P
Ground dependent
TG.22.0111W TAOGLAS-TG.22.0111W Datasheet
3Mb / 34P
GROUND DEPENDENT
TG.22.0111 TAOGLAS-TG.22.0111_16 Datasheet
3Mb / 33P
GROUND DEPENDENT
logo
Molex Electronics Ltd.
2174701121 MOLEX-2174701121 Datasheet
92Kb / 1P
SEE TABLE
2021/02/05
2174711211 MOLEX-2174711211 Datasheet
85Kb / 1P
SEE TABLE
2021/02/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com