Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM200X Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSM200X
Description  PCI/104-Express
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM200X Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSM200X Datasheet HTML 1Page - ADL Embedded Solutions MSM200X Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PCI/104-Express
Data subject to change without notice
Technical Data
Type
MSM200X
MSM200XP
MSM200XU
MSM200S
Part no. (without SMA20x)*
802370*
802372*
802371*
CPU*
SMA200 Atom Z510/Z530
SMA200 Atom Z510/Z530
SMA200 Atom Z510/Z530
ISA-BUS
-
-
-
PCI-BUS (Option 807006 or 807005)
Option
Option
Option
PCI Express-BUS
not assembled
yes on the bottom
yes on the top
2nd Level cache (kB)
512
512
512
Performance (GHz)*
1.1 / 1.6GHz
1.1 / 1.6GHz
1.1 / 1.6GHz
DRAM min-max (MB)*
soldered 0.5-2GB
soldered 0.5-2GB
soldered 0.5-2GB
PCIe-Minicard
1x (for WLAN/GSM)
1x (for WLAN/GSM)
1x (for WLAN/GSM)
Keyboard mouse (PS/2)
yes
yes
yes
Boot drive
HD, LAN, USB, SSD
HD, LAN, USB, SSD
HD, LAN, USB, SSD
IDE interface P-ATA
1x (44pin)
1x (44pin)
1x (44pin)
IDE interface S-ATA (SIL 3132)
2x
2x
2x
COM1
RS232C
RS232C
RS232C
COM2
RS232C
RS232C
RS232C
COM4
RS232C/RS422/485
RS232C/RS422/485
RS232C/RS422/485
COM5
RS232C/RS422/485
RS232C/RS422/485
RS232C/RS422/485
LPT1
1x
1x
1x
USB (2.0)
4x
4x
4x
LAN Port 1 incl. transformer (Intel® 82574L)
1GB LAN
1GB LAN
1GB LAN
LAN Port 2
-
-
-
Audio (codec onboard)
Stereo Line in/out ALC882
Stereo Line in/out ALC882
Stereo Line in/out ALC882
Video controller
internal
internal
internal
Video memory (MB)
128
128
128
LCD interface
yes 24bit LVDS
yes 24bit LVDS
yes 24bit LVDS
DVI interface
-
-
-
CRT interface
yes
yes
yes
Video input
-
-
-
Watchdog
yes
yes
yes
Power normal (typ.)
5V/6W
5V/6W
5V/6W
Power suspend
5V/0.1W
5V/0.1W
5V/0.1W
Power management
yes
yes
yes
RTC battery onboard (typ. 10 years)
900mAh
900mAh
900mAh
Cooling type
passive
passive
passive
Operating temperature
-25°C to +70°C
-25°C to +70°C
-25°C to +70°C
Extended operating temperature (E48)
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Size (W x L in mm)
90 x 96
90 x 96
90 x 96
Weight
115g
120g
120g
MTBF
>200'000h
>200'000h
>200'000h
Special features 1
soldered RAM
soldered RAM
soldered RAM
Special features 2
GPS-Module
GPS-Module
GPS-Module
Speciatl features 3
WLAN
WLAN
WLAN
802380*
SMA200, Atom Z510/Z530
8bit (IRQ) no DMA
Option
-
512
1.1 / 1.6GHz
soldered 0.5-2GB
1x (for WLAN/GSM/SSD)
yes
HD, LAN, USB, SSD
1x (44pin)
2x
RS232C
RS232C
-
-
1x
4x
1GB LAN
-
Stereo Line in/out ALC882
internal
128
yes 24bit LVDS
-
yes
-
yes
5V/6W
5V/0.1W
yes
900mAh
passive
-25°C to +70°C
-40°C to +85°C
90 x 96
130g
>200'000h
soldered RAM
-
WLAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com