Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM800XEV Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSM800XEV
Description  500MHz, soldered 256 DRAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM800XEV Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSM800XEV Datasheet HTML 1Page - ADL Embedded Solutions MSM800XEV Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROSPACE PC/104
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
AMD Geode™ LX800 CPU 500MHz - MSM800XEL/XEV
Feature
• AMD Geode™ LX800
• 500MHz
• soldered 256MB DRAM
• CRT (VGA)
• LCD (TFT)
• 10/100 Base-T LAN-Ethernet
• 4x USB V2.0 Ports
• PATA- Hard Disk
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• AC97 Sound Interface (in & out) - XEV only
• Single 5VDC Power Supply
• PC/104-Plus BUS Connector (optional)
• PC/104-16-bit
Description
With the MICROSPACE MSM800XEV/MSM800XEL Ad-
vanced Digital-Logic offers an embedded computer board
based on the AMD Geode™ LX800 on a PC/104 size board.
The MSM800XEV computer board runs with a fan-less AMD
Geode™ LX800 CPU.
The standard MSM800XEV/MSM800XEL also incorporates
4x USB V2.0, VGA/LCD, LAN and the possibility of expand-
able functions via PC/104-Plus (ISA and/or PCI). With the
onboard graphic controller, up to 2 parallel displays (TTL,
CRT) may show 2 identical pictures. The video controller sup-
ports TFT Displays (320 x 240 to 1600 x 1200) and up to
1920x1440 SVGA. The 2 serial interfaces are available as
RS232C.
The MSM800XEL is the same Board as the MSM800XEV, it
is a depopulated version (less sound codec, RTC battery &
heatsink) . All Geode™ LX800 series boards use 3.3V I/O on
the PC104-Plus Bus. Please contact your sales representa-
tive for compatible peripheral boards as well as adding the
heatsink and/or options.
Ordering Information
Item Codes
Part#
Description
MSM800XEV
802120 500MHz, soldered 256 DRAM
MSM800XEL
802125 500MHz, soldered 256 DRAM
Options
-CF
807007 Compact Flash Socket (TypeII)
-L+
807006 PC/104-plus Connector (long, stack-through)
-P+
807005 PC/104-Plus Connector (short)
MSM800-DVICON
803042 External DVI board
MSM800-LVDSCON
803044 External LVDS board
MSM800-CK
803035 Cable-Kit
Cooling Options
LXHS-SM
807041 Small Heat Sink
LXHS-LG
807042 Large Ribbed Heat Sink
LX8-SPREADER
807043 Heat Spreader, Chassis Mount
Other options may be available,
Please contact your Sales Representative
Picture shows MSM800XEV


Similar Part No. - MSM800XEV

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM800BEV ADL-MSM800BEV Datasheet
261Kb / 2P
500MHz, 128MB-1024MB DDR333-RAM
MSM800SEL ADL-MSM800SEL Datasheet
261Kb / 2P
500MHz, 128MB-1024MB DDR333-RAM
MSM800SEV ADL-MSM800SEV Datasheet
261Kb / 2P
500MHz, 128MB-1024MB DDR333-RAM
More results

Similar Description - MSM800XEV

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
256 MBit Synchronous DRAM
2002-04-23
logo
List of Unclassifed Man...
DPSD16MX16TY5 ETC1-DPSD16MX16TY5 Datasheet
171Kb / 2P
256 Megabit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
256 Mb Synchronous DRAM
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
256-MBit Synchronous DRAM
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
256-MBIT SYNCHRONOUS DRAM
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com