Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372CD
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC372CD Datasheet HTML 4Page - Texas Instruments TLC372CD Datasheet HTML 5Page - Texas Instruments TLC372CD Datasheet HTML 6Page - Texas Instruments TLC372CD Datasheet HTML 7Page - Texas Instruments TLC372CD Datasheet HTML 8Page - Texas Instruments TLC372CD Datasheet HTML 9Page - Texas Instruments TLC372CD Datasheet HTML 10Page - Texas Instruments TLC372CD Datasheet HTML 11Page - Texas Instruments TLC372CD Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TLC372, TLC372Q, TLC372Y
LinCMOS
™ DUAL DIFFERENTIAL COMPARATORS
SLCS114B – NOVEMBER 1983 – REVISED MARCH 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Response time is defined as the interval between the application of an input step function and the instant when the
output reaches 50% of its maximum value. Response time, low-to-high-level output, is measured from the leading
edge of the input pulse, while response time, high-to-low-level output, is measured from the trailing edge of the input
pulse. Response-time measurement at low input signal levels can be greatly affected by the input offset voltage. The
offset voltage should be balanced by the adjustment at the inverting input as shown in Figure 3, so that the circuit
is just at the transition point. Then a low signal, for example 105-mV or 5-mV overdrive, causes the output to change
state.
Low-to-High-
Level Output
DUT
5.1 k
Ω
1
µF
0.1
µF
1 k
Ω
50
Ω
CL
(see Note A)
VDD
Pulse
Generator
Input Offset Voltage
Compensation Adjustment
10
Ω
10 Turn
1 V
–1 V
Overdrive
Input
100 mV
Overdrive
Input
tf
tPHL
10%
50%
90%
90%
50%
tr
tPLH
High-to-Low-
Level Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
10%
100 mV
NOTE A: CL includes probe and jig capacitance.
Figure 3. Response, Rise, and Fall Times Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com