Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC489B Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC489B
Description  High Current Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC489B Datasheet(HTML) 3 Page - Motorola, Inc

  BC489B Datasheet HTML 1Page - Motorola, Inc BC489B Datasheet HTML 2Page - Motorola, Inc BC489B Datasheet HTML 3Page - Motorola, Inc BC489B Datasheet HTML 4Page - Motorola, Inc BC489B Datasheet HTML 5Page - Motorola, Inc BC489B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC489,A,B
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 2. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
200
70
50
30
20
10
7.0
5.0
3.0
2.0
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
80
60
40
20
10
4.0
TJ = 25°C
Cobo
Cibo
8.0
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
500
50
30
20
10
7.0
5.0
1.0 k
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = 0.5 V
100
6.0
200
100
70
300
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k
100 k
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN–469)
TJ(pk) – TC = P(pk) Z
θJC(t)
TJ(pk) – TA = P(pk) Z
θJA(t)
t1
t2
P(pk)
Z
θJC(t) = r(t) • RθJC
Z
θJA(t) = r(t) • RθJA
SINGLE PULSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com