Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ36070HPD30NRS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # IQ36070HPD30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPD30NRS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  IQ36070HPD30NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ36070HPD30NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Technical
Specification
IQ36-HP Family
Product # IQ36xxxHPXxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005231 Rev. A
05/26/09
Page 5
Common Figure 3: Trim graph for trim-up 1.8 to 12 V outputs.
0
20
40
60
80
100
120
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Load Current (%)
Vin min
Vin nom
Vin max
Typical Current Limit Inception Point
Typical Output Voltage at Shutdown
Common Figure 1: Typical startup waveform. Input voltage pre-applied,
ON/OFF Pin on Ch 2.
Common Figure 2: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
100.0
1,000.0
10,000.0
100,000.0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Increase in Vout (%)
15 V
24 V
28 V
40 V
48 V
10.0
100.0
1,000.0
10,000.0
100,000.0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Increase in Vout (%)
1.8 V
3.3 V
5 V
12 V
10.0
100.0
1,000.0
10,000.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Decrease in Vout (%)
All voltages
Common Figure 5: Trim graph for trim down.
Common Figure 4: Trim graph for trim-up 15 to 48 V outputs.
Nominal Vout
IQ36 FAMILY FIGURES (all output voltages)
5.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com