Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372IP
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372IP Datasheet(HTML) 1 Page - Texas Instruments

  TLC372IP Datasheet HTML 1Page - Texas Instruments TLC372IP Datasheet HTML 2Page - Texas Instruments TLC372IP Datasheet HTML 3Page - Texas Instruments TLC372IP Datasheet HTML 4Page - Texas Instruments TLC372IP Datasheet HTML 5Page - Texas Instruments TLC372IP Datasheet HTML 6Page - Texas Instruments TLC372IP Datasheet HTML 7Page - Texas Instruments TLC372IP Datasheet HTML 8Page - Texas Instruments TLC372IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLC372, TLC372Q, TLC372Y
LinCMOS
™ DUAL DIFFERENTIAL COMPARATORS
SLCS114B – NOVEMBER 1983 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single or Dual-Supply Operation
D Wide Range of Supply Voltages
2 V to 18 V
D Very Low Supply Current Drain
150
µA Typ at 5 V
D Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
D Built-in ESD Protection
D High Input Impedance ...1012 Ω Typ
D Extremely Low Input Bias Current
5 pA Typ
D Ultrastable Low Input Offset Voltage
D Input Offset Voltage Change at Worst-Case
Input Conditions Typically 0.23
µV/Month,
Including the First 30 Days
D Common-Mode Input Voltage Range
Includes Ground
D Output Compatible With TTL, MOS, and
CMOS
D Pin-Compatible With LM393
description
This device is fabricated using LinCMOS
™
technology and consists of two independent
voltage comparators, each designed to operate
from a single power supply. Operation from dual
supplies is also possible if the difference between
the two supplies is 2 V to 18 V. Each device
features
extremely
high
input
impedance
(typically greater than 1012
Ω), allowing direct
interfacing with high-impedance sources. The
outputs are n-channel open-drain configurations
and can be connected to achieve positive-logic
wired-AND relationships.
The TLC372 has internal electrostatic discharge (ESD) protection circuits and has been classified with a 1000-V
ESD rating using human body model testing. However, care should be exercised in handling this device as
exposure to ESD may result in a degradation of the device parametric performance.
The TLC372C is characterized for operation from 0
°C to 70°C. The TLC372I is characterized for operation from
–40
°C to 85°C. The TLC372M is characterized for operation over the full military temperature range of –55°C
to 125
°C. The TLC372Q is characterized for operation from –40°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VCC
2OUT
2IN –
2IN +
TLC372C, TLC372I, TLC372M, TLC372Q
D, P, OR PW PACKAGE
TLC372M . . . JG PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
TLC372M . . . FK PACKAGE
(TOP VIEW)
OUT
IN +
symbol (each comparator)
IN –
NC – No internal connection
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC372IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372IP TI-TLC372IP Datasheet
426Kb / 20P
LIN CMOS DUAL DIFFERENTIAL COMPARATORS
TLC372IP TI1-TLC372IP Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372IP TI-TLC372IP Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372IPE4 TI1-TLC372IPE4 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC352 TI-TLC352 Datasheet
140Kb / 9P
LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC354 TI-TLC354 Datasheet
183Kb / 11P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com