Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5540INSLE Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5540INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5540INSLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5540INSLE Datasheet HTML 7Page - Texas Instruments TLC5540INSLE Datasheet HTML 8Page - Texas Instruments TLC5540INSLE Datasheet HTML 9Page - Texas Instruments TLC5540INSLE Datasheet HTML 10Page - Texas Instruments TLC5540INSLE Datasheet HTML 11Page - Texas Instruments TLC5540INSLE Datasheet HTML 12Page - Texas Instruments TLC5540INSLE Datasheet HTML 13Page - Texas Instruments TLC5540INSLE Datasheet HTML 14Page - Texas Instruments TLC5540INSLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
11
PRINCIPLES OF OPERATION
functional description
The TLC5540 uses a modified semiflash architecture as shown in the functional block diagram. The four most
significant bits (MSBs) of every output conversion result are produced by the upper comparator block CB1. The
four least significant bits (LSBs) of each alternate output conversion result are produced by the lower
comparator blocks CB-A and CB-B in turn (see Figure 12).
The reference voltage that is applied to the lower comparator resistor string is one sixteenth of the amplitude
of the refence applied to the upper comparator resistor string. The sampling comparators of the lower
comparator block require more time to sample the lower voltages of the reference and residual input voltage.
By applying the residual input voltage to alternate lower comparator blocks, each comparator block has twice
as much time to sample and convert as would be the case if only one lower comparator block were used.
VI(1)
VI(2)
VI(3)
VI(4)
CLK1
CLK2
CLK3
CLK4
S(1)
C(1)
S(2)
C(2)
S(3)
C(3)
S(4)
C(4)
S(1)
H(1)
C(1)
S(3)
H(3)
C(3)
H(0)
C(0)
S(2)
H(2)
C(2)
S(4)
H(4)
LD(−2)
OUT(−2)
OUT(−1)
OUT(0)
OUT(1)
ANALOG IN
(Sampling Points)
CLK (Clock)
Upper Comparators Block (CB1)
Upper Data
Lower Reference Voltage
Lower Comparators Block (CB-A)
Lower Data (A)
Lower Comparators Block (CB-B)
Lower Data (B)
D1 −D8 (Data Output)
UD(0)
RV(0)
UD(1)
RV(1)
UD(2)
RV(2)
UD(3)
RV(3)
LD(−1)
LD(0)
LD(1)
LD(2)
tpd
Figure 12. Internal Functional Timing Diagram
This conversion scheme, which reduces the required sampling comparators by 30 percent compared to
standard semiflash architectures, achieves significantly higher sample rates than the conventional semiflash
conversion method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com