Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2T Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2T
Description  Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2T Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2T Datasheet HTML 1Page - Omron Electronics LLC D2T Datasheet HTML 2Page - Omron Electronics LLC D2T Datasheet HTML 3Page - Omron Electronics LLC D2T Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D2T
D2T
2
Characteristics
Electrical ratings
5 A at 125/250 VAC between terminals 1 and 2
0.1 A at 125 VAC between terminals 3 and 4
Operating speed
10 to 500 mm/second (0.39 to 19.7 in/second)
Operating frequency
Mechanical
120 operations per min.
Electrical
60 operations per min.
Contact resistance
50 m
Ω max. between terminals 1 and 2
100 m
Ω max. between terminals 3 and 4
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength (VAC)
1,000 VAC, for 1 minute between contacts of same polarity
1,500 VAC for 1 minute between current-carrying metal parts and ground,
and between contacts of different polarity
Vibration resistance
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction
300 m/s2 (approx. 30 g min.)
Life expectancy
Mechanical
100,000 operations min. (at full OT value, operating frequency of 120
operations/min.)
Electrical
100,000 operations min. (at rated OT value, operating frequency of 60
operations/min.)
Ambient temperature
Operating
-25
° to 85°C (with no icing)
Ambient humidity
Operating
85% RH max.
Weight
Approx. 10 g
Operating characteristics
D2T-T1, D2T-T1S
D2T-LT1, D2T-LT1S
OF max.
330 g
150 g
RF min.
50 g
20 g
TTF max.
650 g
250 g
OT min.
0.8 mm
1.6 mm
OP
4.4
±0.6 mm (see note)
6.9
±1.3 mm (see note)
Note: There is no actuation order between terminals 1 and 2 and terminals 3 and 4.
Dimensions
Pin plunger
D2T-T1, D2T-T1S
Unit: mm (inch)
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. The above illustrations and dimensions of the pin plunger and hinge lever are for D2T models with angled terminals. Refer to
the dimensions in “Terminals” for the straight terminals of D2T.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com