Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3704MFKB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704MFKB
Description  QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3704MFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC3704MFKB Datasheet HTML 11Page - Texas Instruments TLC3704MFKB Datasheet HTML 12Page - Texas Instruments TLC3704MFKB Datasheet HTML 13Page - Texas Instruments TLC3704MFKB Datasheet HTML 14Page - Texas Instruments TLC3704MFKB Datasheet HTML 15Page - Texas Instruments TLC3704MFKB Datasheet HTML 16Page - Texas Instruments TLC3704MFKB Datasheet HTML 17Page - Texas Instruments TLC3704MFKB Datasheet HTML 18Page - Texas Instruments TLC3704MFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TLC3704, TLC3704Q
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117B – NOVEMBER 1986 – REVISED JANUARY 2002
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
TA – Free-Air Temperature – °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
90
88
86
84
82
80
78
76
74
72
70
VDD = 5 V
Figure 11
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
SUPPLY VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VDD = 5 V to 10 V
90
88
86
84
82
80
78
76
74
72
70
Figure 12
5
TA – Free-Air Temperature – °C
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VDD = 5 V
IOH = – 4 mA
– 75
– 50
– 25
0
25
50
75
100
125
4.9
4.8
4.7
4.6
4.5
4.55
4.65
4.75
4.85
4.95
Figure 13
VDD = 16 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
TA = 25°C
3 V
4 V
5 V
10 V
0
– 2.5
– 5
– 7.5
– 10 – 12.5
– 15 – 17.5 – 20
VDD
– 0.25
– 0.5
– 0.75
– 1
– 1.25
– 1.5
– 1.75
–2
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com