Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2082MD Datasheet(PDF) 53 Page - Texas Instruments

Part # TLE2082MD
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082MD Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLE2082MD Datasheet HTML 49Page - Texas Instruments TLE2082MD Datasheet HTML 50Page - Texas Instruments TLE2082MD Datasheet HTML 51Page - Texas Instruments TLE2082MD Datasheet HTML 52Page - Texas Instruments TLE2082MD Datasheet HTML 53Page - Texas Instruments TLE2082MD Datasheet HTML 54Page - Texas Instruments TLE2082MD Datasheet HTML 55Page - Texas Instruments TLE2082MD Datasheet HTML 56Page - Texas Instruments TLE2082MD Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 46
VID – Differential Input Voltage – V
– 0.5
– 0.25
0
0.25
0.5
0
6
8
10
12
14
4
2
VCC + = 5 V
VCC – = 0
VIC = 4.5 V
TA = 25°C
Open Loop
No Load
16
18
20
TLE2084
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 47
VID – Differential Input Voltage – V
10
5
0
–1.5
– 0.9
– 0.3
0
1.5
15
20
25
13
8
3
18
23
0.3
0.9
VCC
± = ±15 V
VIC = 0
TA = 25°C
Open Loop
No Load
TLE2081
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 48
VID – Differential Input Voltage – V
10
5
0
–1.5
–1
– 0.5
0
0.5
1
1.5
15
20
25
VCC
± = ±15 V
VIC = 0
TA = 25°C
Open Loop
No Load
TLE2082
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 49
VID – Differential Input Voltage – V
8
4
0
–1.5
– 0.3
0
0.9
1.2
1.5
12
16
20
VCC
± = ±15 V
28
24
32
36
40
0.6
0.3
– 0.6
– 0.9
–1.2
VIC = 0
TA = 25°C
Open Loop
No Load
TLE2084
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com