Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021MP Datasheet(PDF) 26 Page - Texas Instruments

Part # TLE2021MP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021MP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLE2021MP Datasheet HTML 22Page - Texas Instruments TLE2021MP Datasheet HTML 23Page - Texas Instruments TLE2021MP Datasheet HTML 24Page - Texas Instruments TLE2021MP Datasheet HTML 25Page - Texas Instruments TLE2021MP Datasheet HTML 26Page - Texas Instruments TLE2021MP Datasheet HTML 27Page - Texas Instruments TLE2021MP Datasheet HTML 28Page - Texas Instruments TLE2021MP Datasheet HTML 29Page - Texas Instruments TLE2021MP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
TLE2024 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2024M
TLE2024AM
TLE2024BM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
1100
850
600
µV
VIO
Input offset voltage
Full range
1300
1050
800
µV
αVIO
Temperature coefficient of
input offset voltage
Full range
2
2
2
µV/°C
Input offset voltage long-term
drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.005
0.005
0.005
µV/mo
IIO
Input offset current
25
°C
0.6
6
0.5
6
0.4
6
nA
IIO
Input offset current
Full range
10
10
10
nA
IIB
Input bias current
25
°C
45
70
40
70
35
70
nA
IIB
Input bias current
Full range
90
90
90
nA
VICR
Common-mode input voltage
RS =50 Ω
25
°C
0
to
3.5
– 0.3
to
4
0
to
3.5
– 0.3
to
4
0
to
3.5
– 0.3
to
4
V
VICR
g
range
RS = 50 Ω
Full range
0
to
3.2
0
to
3.2
0
to
3.2
V
VOM
Maximum positive peak
25
°C
3.9
4.2
3.9
4.2
4
4.3
V
VOM +
output voltage swing
RL =10kΩ
Full range
3.7
3.7
3.8
V
VOM
Maximum negative peak
RL = 10 kΩ
25
°C
0.7
0.8
0.7
0.8
0.7
0.8
V
VOM –
g
output voltage swing
Full range
0.95
0.95
0.95
V
AVD
Large-signal differential
VO =14Vto4V
RL =10kΩ
25
°C
0.2
1.5
0.3
1.5
0.4
1.5
V/
µV
AVD
gg
voltage amplification
VO = 1.4 V to 4 V,
RL = 10 kΩ
Full range
0.1
0.1
0.1
V/
µV
CMRR
Common mode rejection ratio
VIC =VICRmin
RS =50 Ω
25
°C
80
90
82
92
85
95
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
82
85
dB
kSVR
Supply-voltage rejection ratio
VCC
± = ±2 5Vto ±15 V
25
°C
98
112
100
115
103
117
dB
kSVR
yg
j
(
∆VCC±/∆VIO)
VCC
± = ±2.5 V to ±15 V
Full range
93
95
98
dB
ICC
Supply current
25
°C
800
1200
800
1200
800
1200
µA
ICC
Supply current
VO =0
No load
Full range
1200
1200
1200
µA
∆ICC
Supply current change over
operating temperature range
VO = 0,
No load
Full range
50
50
50
µA
† Full range is – 55
°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation
and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com