Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2082MJG Datasheet(PDF) 39 Page - Texas Instruments

Part # TLE2082MJG
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082MJG Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLE2082MJG Datasheet HTML 35Page - Texas Instruments TLE2082MJG Datasheet HTML 36Page - Texas Instruments TLE2082MJG Datasheet HTML 37Page - Texas Instruments TLE2082MJG Datasheet HTML 38Page - Texas Instruments TLE2082MJG Datasheet HTML 39Page - Texas Instruments TLE2082MJG Datasheet HTML 40Page - Texas Instruments TLE2082MJG Datasheet HTML 41Page - Texas Instruments TLE2082MJG Datasheet HTML 42Page - Texas Instruments TLE2082MJG Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2084Y electrical characteristics at VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLE2084Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0,
VO = 0,
RS = 50 Ω
7
mV
IIO
Input offset current
VIC = 0,
VO = 0,
15
100
pA
IIB
Input bias current
IC
O
See Figure 4
25
175
pA
15
15
VICR
Common-mode input voltage range
RS = 50 Ω
to
to
V
ICR
gg
S
–11
11.9
IO = – 200 µA
13.8
14.1
VOM +
Maximum positive peak output voltage swing
IO = – 2 mA
13.5
13.9
V
IO = – 20 mA
11.5
12.3
IO = 200 µA
– 13.8
– 14.2
VOM –
Maximum negative peak output voltage swing
IO = 2 mA
– 13.5
–14
V
IO = 20 mA
– 11.5
– 12.4
RL = 600 Ω
80
96
AVD
Large-signal differential voltage amplification
VO = ± 10 V
RL = 2 kΩ
90
109
dB
RL = 10 kΩ
95
118
ri
Input resistance
VIC = 0
1012
Ω
ci
Input capacitance
VIC = 0,
Common mode
7.5
pF
ci
Input capacitance
IC
See Figure 5
Differential
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
80
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin,
VO = 0,
RS = 50 Ω
80
98
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
VCC
± = ±5 V to ±15 V, VO = 0,
RS = 50 Ω
82
99
dB
ICC
Supply current ( four amplifiers )
VO = 0,
No load
5.2
6.5
7.5
mA
IOS
Short circuit output current
VO =0
VID = 1 V
–30
–45
mA
IOS
Short-circuit output current
VO = 0
VID = – 1 V
30
48
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com