Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2084AMFK Datasheet(PDF) 54 Page - Texas Instruments

Part # TLE2084AMFK
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2084AMFK Datasheet(HTML) 54 Page - Texas Instruments

Back Button TLE2084AMFK Datasheet HTML 50Page - Texas Instruments TLE2084AMFK Datasheet HTML 51Page - Texas Instruments TLE2084AMFK Datasheet HTML 52Page - Texas Instruments TLE2084AMFK Datasheet HTML 53Page - Texas Instruments TLE2084AMFK Datasheet HTML 54Page - Texas Instruments TLE2084AMFK Datasheet HTML 55Page - Texas Instruments TLE2084AMFK Datasheet HTML 56Page - Texas Instruments TLE2084AMFK Datasheet HTML 57Page - Texas Instruments TLE2084AMFK Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 50
0
2.5
5
7.5
10 12.5 15 17.5 20 22.5 25
0
–12
– 36
– 48
– 60
48
– 24
24
12
36
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
60
VO = 0
TA = 25°C
VID = – 1 V
VID = 1 V
|VCC
±| – Supply Voltage – V
Figure 51
10
–10
– 20
– 50
0
60
120
30
40
t – Elapsed Time – s
50
180
20
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VCC
± = ±15 V
VID = – 1 V
VID = 1 V
– 30
– 40
VO = 0
TA = 25°C
Figure 52
TA – Free-Air Temperature – °C
0
– 16
– 48
– 64
– 80
64
– 32
– 75 – 55 – 35 –15
5
25
45
32
16
48
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
80
65
85
105 125
VCC
± = ±15 V
VCC
± = ±15 V
VCC
± = ±5 V
VCC
± = ±5 V
VID = – 1 V
VID = 1 V
VO = 0
Figure 53
TA – Free-Air Temperature – °C
35
33
29
27
25
43
31
– 75 – 55 – 35 –15
5
25
45
39
37
41
SLEW RATE
vs
FREE-AIR TEMPERATURE
45
65
85
105 125
VCC
± = ± 5 V
RL = 2 kΩ
CL = 100 pF
SR –
SR +
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com