Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2084AMJ Datasheet(PDF) 50 Page - Texas Instruments

Part # TLE2084AMJ
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2084AMJ Datasheet(HTML) 50 Page - Texas Instruments

Back Button TLE2084AMJ Datasheet HTML 46Page - Texas Instruments TLE2084AMJ Datasheet HTML 47Page - Texas Instruments TLE2084AMJ Datasheet HTML 48Page - Texas Instruments TLE2084AMJ Datasheet HTML 49Page - Texas Instruments TLE2084AMJ Datasheet HTML 50Page - Texas Instruments TLE2084AMJ Datasheet HTML 51Page - Texas Instruments TLE2084AMJ Datasheet HTML 52Page - Texas Instruments TLE2084AMJ Datasheet HTML 53Page - Texas Instruments TLE2084AMJ Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 34
10
100
1 k
10 k
f – Frequency – Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
100 k
1 M
10 M
VCC
± = ±15 V
VCC
± = ±5 V
VIC = 0
VO = 0
RS = 50 Ω
TA = 25°C
50
40
20
10
0
90
30
70
60
80
100
Figure 35
TA – Free-Air Temperature – °C
85
82
76
73
70
97
79
– 75 – 55 – 35 –15
5
25
45
91
88
94
100
65
85
105 125
VO = 0
RS = 50 Ω
VCC
± = ±5 V
VCC
± = ±15 V
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VIC = VICRmin
Figure 36
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
40
20
0
– 20
10
100
1 k
10 k
100 k
60
80
f – Frequency – Hz
100
1 M
10 M
120
kSVR +
kSVR –
∆VCC± = ±5 V to ±15 V
VIC = 0
VO = 0
RS = 50 Ω
TA = 25°C
Figure 37
TA – Free-Air Temperature – °C
90
84
72
66
60
114
78
– 75 – 55 – 35 –15
5
25
45
102
96
108
120
65
85
105 125
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
kSVR +
kSVR –
∆VCC± = ±5 V to ±15 V
VIC = 0
VO = 0
RS = 50 Ω
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com