Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2401CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401CD
Description  FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2401CD Datasheet HTML 3Page - Texas Instruments TLV2401CD Datasheet HTML 4Page - Texas Instruments TLV2401CD Datasheet HTML 5Page - Texas Instruments TLV2401CD Datasheet HTML 6Page - Texas Instruments TLV2401CD Datasheet HTML 7Page - Texas Instruments TLV2401CD Datasheet HTML 8Page - Texas Instruments TLV2401CD Datasheet HTML 9Page - Texas Instruments TLV2401CD Datasheet HTML 10Page - Texas Instruments TLV2401CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244 – FEBRUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Equivalent input noise voltage
f = 10 Hz
800
nV/
√Hz
Vn
Equivalent input noise voltage
f = 100 Hz
25
°C
500
nV/
√Hz
In
Equivalent input noise current
f = 100 Hz
8
fA/
√Hz
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input Offset Voltage
vs Common-mode input voltage
1, 2, 3
IIB
Input Bias Current
vs Free-air temperature
4, 6, 8
IIB
Input Bias Current
vs Common-mode input voltage
5, 7, 9
IIO
Input Offset Current
vs Free-air temperature
4, 6, 8
IIO
Input Offset Current
vs Common-mode input voltage
5, 7, 9
CMRR
Common-mode rejection ratio
vs Frequency
10
VOH
High-level output voltage
vs High-level output current
11, 13, 15
VOL
Low-level output voltage
vs Low-level output current
12, 14, 16
VO(PP)
Output voltage peak-to-peak
vs Frequency
17
Zo
Output impedance
vs Frequency
18
ICC
Supply current
vs Supply voltage
19
PSRR
Power supply rejection ratio
vs Frequency
20
AVD
Differential voltage gain
vs Frequency
21
Phase
vs Frequency
21
Gain-bandwidth product
vs Supply voltage
22
SR
Slew rate
vs Free-air temperature
23
φm
Phase margin
vs Load capacitance
24
Gain margin
vs Load capacitance
25
Large-signal voltage follower
26, 27, 28
Small-signal voltage follower
29
Large-signal inverted pulse response
30, 31, 32
Small-signal inverted pulse response
33
Crosstalk
vs Frequency
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com