Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2081 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 38Page - Texas Instruments TLE2081 Datasheet HTML 39Page - Texas Instruments TLE2081 Datasheet HTML 40Page - Texas Instruments TLE2081 Datasheet HTML 41Page - Texas Instruments TLE2081 Datasheet HTML 42Page - Texas Instruments TLE2081 Datasheet HTML 43Page - Texas Instruments TLE2081 Datasheet HTML 44Page - Texas Instruments TLE2081 Datasheet HTML 45Page - Texas Instruments TLE2081 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs (Continued)
FIGURE
Noninverting large-signal pulse response
vs Time
70
Small-signal pulse response
vs Time
71
zo
Closed-loop output impedance
vs Frequency
72
ax
Crosstalk attenuation
vs Frequency
73
Figure 6
15
12
6
3
0
27
9
– 4
– 2.4
– 0.8
0.8
21
18
24
DISTRIBUTION OF TLE2081
INPUT OFFSET VOLTAGE
30
2.4
4
VIO – Input Offset Voltage – mV
VCC = ± 15 V
TA = 25°C
P Package
Figure 7
VIO – Input Offset Voltage – mV
10
8
4
2
0
18
6
– 4
– 2.4
– 0.8
0.8
14
12
16
DISTRIBUTION OF TLE2082
INPUT OFFSET VOLTAGE
20
2.4
4
VIO
600 Units Tested From One Wafer Lot
VCC = ± 15 V
TA = 25°C
P Package
– 1.6
– 3.2
0
1.6
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com