Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2544CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CD
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2544CD Datasheet(HTML) 3 Page - Texas Instruments

  TLV2544CD Datasheet HTML 1Page - Texas Instruments TLV2544CD Datasheet HTML 2Page - Texas Instruments TLV2544CD Datasheet HTML 3Page - Texas Instruments TLV2544CD Datasheet HTML 4Page - Texas Instruments TLV2544CD Datasheet HTML 5Page - Texas Instruments TLV2544CD Datasheet HTML 6Page - Texas Instruments TLV2544CD Datasheet HTML 7Page - Texas Instruments TLV2544CD Datasheet HTML 8Page - Texas Instruments TLV2544CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TLV2544, TLV2548
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS198A –FEBRUARY 1999– REVISED AUGUST 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TLV2544
TLV2548
A0
A0
A1
A1
A2
A2
A3
A3
A4
A5
A6
A7
6
7
8
9
6
7
8
9
10
11
12
13
I
Analog signal inputs. The analog inputs are applied to these terminals and are internally
multiplexed. The driving source impedance should be less than or equal to 1 k
Ω.
For a source impedance greater than 1 k
Ω, use the asynchronous conversion start signal CSTART
(CSTART low time controls the sampling period) or program long sampling period to increase the
sampling time.
CS
16
20
I
Chip select. A high-to-low transition on the CS input resets the internal 4-bit counter, enables SDI,
and removes SDO from 3-state within a maximum setup time. SDI is disabled within a setup time
after the 4-bit counter counts to 16 (clock edges) or a low-to-high transition of CS whichever
happens first. SDO is 3-stated after the rising edge of CS.
CS can be used as the FS pin when a dedicated serial port is used.
CSTART
10
14
I
This terminal controls the start of sampling of the analog input from a selected multiplex channel.
A high-to-low transition starts sampling of the analog input signal. A low-to-high transition puts the
S/H in hold mode and starts the conversion. This input is independent from SCLK and works when
CS is high (inactive). The low time of CSTART controls the duration of the sampling period of the
converter (extended sampling).
Tie this terminal to VCC if not used.
EOC/(INT)
4
4
O
End of conversion or interrupt to host processor.
[PROGRAMMED AS EOC]: This output goes from a high-to-low logic level at the end of the
sampling period and remains low until the conversion is complete and data are ready for transfer.
EOC is used in conversion mode 00 only.
[PROGRAMMED AS INT]: This pin can also be programmed as an interrupt output signal to the
host processor. The falling edge of INT indicates data are ready for output. The following CS
↓ or
FS
↑ clears INT. The falling edge of INT puts SDO back to 3-state even if CS is still active.
FS
13
17
I
DSP frame sync input. Indication of the start of a serial data frame in or out of the device. If FS
remains low after the falling edge of CS, SDI is not enabled until an active FS is presented. A
high-to-low transition on the FS input resets the internal 4-bit counter and enables SDI within a
maximum setup time. SDI is disabled within a setup time after the 4-bit counter counts to 16 (clock
edges) or a low-to-high transition of CS whichever happens first. SDO is 3-stated after the 16th bit
is presented.
Tie this terminal to VCC if not used.
GND
11
15
I
Ground return for the internal circuitry. Unless otherwise noted, all voltage measurements are with
respect to GND.
PWDN
12
16
I
Both analog and reference circuits are powered down when this pin is at logic zero. The device can
be restarted by active CS or CSTART after this pin is pulled back to logic one.
SCLK
3
3
I
Input serial clock. This terminal receives the serial SCLK from the host processor. SCLK is used to
clock the input SDI to the input register. When programmed, it may also be used as the source of
the conversion clock.
SDI
2
2
I
Serial data input. The input data is presented with the MSB (D15) first. The first 4-bit MSBs,
D(15–12) are decoded as one of the 16 commands (12 only for the TLV2544). All trailing blanks are
filled with zeros. The configure write commands require an additional 12 bits of data.
When FS is not used (FS =1), the first MSB (D15) is expected after the falling edge of CS and is
shifted in on the rising edges of SCLK (after CS
↓).
When FS is used (typical with an active FS from a DSP) the first MSB (D15) is expected after the
falling edge of FS and is shifted in on the falling edges of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com