Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC640 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC640
Description  High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC640 Datasheet(HTML) 1 Page - Motorola, Inc

  BC640 Datasheet HTML 1Page - Motorola, Inc BC640 Datasheet HTML 2Page - Motorola, Inc BC640 Datasheet HTML 3Page - Motorola, Inc BC640 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Current Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC
636
BC
638
BC
640
Unit
Collector – Emitter Voltage
VCEO
–45
–60
–80
Vdc
Collector – Base Voltage
VCBO
–45
–60
–80
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–0.5
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage*
(IC = –10 mAdc, IB = 0)
BC636
BC638
BC640
V(BR)CEO
–45
–60
–80
—
—
—
—
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = –100 µAdc, IE = 0)
BC636
BC638
BC640
V(BR)CBO
–45
–60
–80
—
—
—
—
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
—
—
Vdc
Collector Cutoff Current
(VCB = –30 Vdc, IE = 0)
(VCB = –30 Vdc, IE = 0, TA = 125°C)
ICBO
—
—
—
—
–100
–10
nAdc
µAdc
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle 2.0%.
Order this document
by BC636/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC636
BC638
BC640
CASE 29–04, STYLE 14
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
2
3
BASE
1
EMITTER


Similar Part No. - BC640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
NXP Semiconductors
BC640 PHILIPS-BC640 Datasheet
43Kb / 8P
PNP medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC640 SIEMENS-BC640 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC640 FAIRCHILD-BC640 Datasheet
62Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
BC640 MICRO-ELECTRONICS-BC640 Datasheet
184Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - BC640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
High Current Transistors
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
High Current Transistors
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
High Current Transistors
March, 2007 ??Rev. 0
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
High Current Transistors
March, 2007 ??Rev. 0
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
High Current Transistors
March, 2007 ??Rev. 3
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
High Current Transistors
February, 2011 ??Rev. 1
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
High Current Transistors
June, 2011 ??Rev. 1
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
High Current Transistors
March, 2007 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com