Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142CDR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142CDR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CDR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLE2142CDR Datasheet HTML 36Page - Texas Instruments TLE2142CDR Datasheet HTML 37Page - Texas Instruments TLE2142CDR Datasheet HTML 38Page - Texas Instruments TLE2142CDR Datasheet HTML 39Page - Texas Instruments TLE2142CDR Datasheet HTML 40Page - Texas Instruments TLE2142CDR Datasheet HTML 41Page - Texas Instruments TLE2142CDR Datasheet HTML 42Page - Texas Instruments TLE2142CDR Datasheet HTML 43Page - Texas Instruments TLE2142CDR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2144M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2144M
TLE2144AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
0.6
2.4
0.5
1.5
mV
VIO
Input offset voltage
Full range
4
3.2
mV
VIO
Temperature coefficient
Full range
1.7
1.7
V/
°C
αVIO
Temperature coefficient
of input offset voltage
VIC = 0,
RS = 50 Ω
Full range
1.7
1.7
µV/°C
IIO
Input offset current
VIC = 0,
RS = 50 Ω
25
°C
7
100
7
100
nA
IIO
Input offset current
Full range
250
250
nA
IIB
Input bias current
25
°C
− 0.7
− 1.5
− 0.7
− 1.5
A
IIB
Input bias current
Full range
− 1.8
− 1.8
µA
−15
− 15.3
−15
− 15.3
25
°C
−15
to
− 15.3
to
−15
to
− 15.3
to
VICR
Common-mode input
RS = 50 Ω
25 C
to
13
to
13.2
to
13
to
13.2
V
VICR
Common-mode input
voltage range
RS = 50 Ω
−15
− 15.3
−15
− 15.3
V
voltage range
Full range
−15
to
− 15.3
to
−15
to
− 15.3
to
Full range
to
12.7
to
12.9
to
12.7
to
12.9
IO = − 150 µA
13.8
14.1
13.8
14.1
IO = − 1.5 mA
25
°C
13.7
14
13.7
14
VOM +
Maximum positive peak
IO = − 15 mA
25 C
13.1
13.7
13.1
13.7
V
VOM +
Maximum positive peak
output voltage swing
IO = − 100 µA
13.7
13.7
V
output voltage swing
IO = − 1 mA
Full range
13.6
13.6
IO = − 10 mA
Full range
13.1
13.1
IO = 150 µA
− 14.7
− 14.9
− 14.7
− 14.9
V
Maximum negative
IO = 1.5 mA
25
°C
− 14.5
− 14.8
− 14.5
− 14.8
V
VOM −
Maximum negative
peak output voltage
IO = 15 mA
25 C
− 13.4
− 13.8
− 13.4
− 13.8
VOM − peak output voltage
swing
IO = 100 µA
− 14.6
− 14.6
swing
IO = 1 mA
Full range
− 14.5
− 14.5
IO = 10 mA
Full range
− 13.4
− 13.4
AVD
Large-signal differential
VO = ± 10 V,
RL = 2 kΩ
25
°C
100
170
100
170
V/mV
AVD
Large-signal differential
voltage amplification
VO = ± 10 V,
RL = 2 kΩ
Full range
20
20
V/mV
ri
Input resistance
25
°C
65
65
M
Ω
ci
Input capacitance
25
°C
2.5
2.5
pF
zo
Open-loop output
impedance
f = 1 MHz
25
°C
30
30
Ω
CMRR
Common-mode
VIC = VICRmin,
RS = 50 Ω
25
°C
85
108
85
108
dB
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
80
dB
kSVR
Supply-voltage
rejection ratio
VCC ± = ±2.5 V to ±15 V,
25
°C
90
106
90
106
dB
kSVR
rejection ratio
(
∆VCC± /∆VIO)
VCC ± = ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
IOS
Short-circuit output
VO = 0
VID = 1 V
25
°C
−25
−50
−25
−50
mA
IOS
Short-circuit output
current
VO = 0
VID = − 1 V
25
°C
20
31
20
31
mA
ICC
Supply current
VO = 0,
No load,
25
°C
13.8
18
13.8
18
mA
ICC
Supply current
VO = 0,
VIC = 2.5 V
No load,
Full range
18.8
18.8
mA
† Full range is − 55°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com