Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471IP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471IP
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471IP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2471IP Datasheet HTML 19Page - Texas Instruments TLV2471IP Datasheet HTML 20Page - Texas Instruments TLV2471IP Datasheet HTML 21Page - Texas Instruments TLV2471IP Datasheet HTML 22Page - Texas Instruments TLV2471IP Datasheet HTML 23Page - Texas Instruments TLV2471IP Datasheet HTML 24Page - Texas Instruments TLV2471IP Datasheet HTML 25Page - Texas Instruments TLV2471IP Datasheet HTML 26Page - Texas Instruments TLV2471IP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
, the model generation software used
with Microsim PSpice
. The Boyle macromodel (see Note 2) and subcircuit in Figure 55 are generated using
the TLV247x typical electrical and operating characteristics at TA = 25°C. Using this information, output
simulations of the following key parameters can be generated to a tolerance of 20% (in most cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 1: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers,” IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
* TLV247x operational amplifier ”macromodel” subcircuit
* created using Parts release 8.0 on 4/27/99 at 14:31
* Parts is a MicroSim product.
*
* connections: non - inverting input
*
| inverting input
*
| | positive power supply
*
| | | negative power supply
*
| | | | output
*
| | | | |
.subckt TLV247x 1 2 3 4 5
*
c1
11
12
1.1094E- 12
c2
6
7
5.5000E- 12
css
10
99
556.53E- 15
dc
5
53
dy
de
54
5
dy
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99
poly(5) vb vc ve vlp vln 0
+ 39.614E6 - 1E3 1E3 40E6 - 40E6
ga
6
0
11
12 79.828E - 6
gcm
0
6
10
99 32.483E - 9
iss
10
4
dc
10.714E- 6
hlim
90
0
vlim 1K
ioff
0
6
dc
75E- 9
j1
11
2
10 jx1
j2
12
1
10 jx2
r2
6
9
100.00E3
rd1
3
11
12.527E3
rd2
3
12
12.527E3
ro1
8
5
10
ro2
7
99
10
rp
3
4
3.8023E3
rss
10
99
18.667E6
vb
9
0
dc 0
vc
3
53
dc .842
ve
54
4
dc .842
vlim
7
8
dc 0
vlp
91
0
dc 110
vln
0
92
dc 110
.model
dx
D(Is=800.00E- 18)
.model
dy
D(Is=800.00E- 18 Rs=1m Cjo=10p)
.model
jx1
NJF(Is=1.0825E- 12 Beta=594.78E - 06 + Vto= - 1)
.model
jx2
NJF(Is=1.0825E- 12 Beta=594.78E - 06 + Vto= - 1)
.ends
*$
IN -
G
D
S
D
S
G
rp
IN+
rd1
rd2
rss
egnd
fb
ro2
ro1
vlim
OUT
ga
ioff
gcm
vb
c1
dc
iss
dp
GND
VDD
css
c2
ve
de
dlp
dln
vln
hlim
vlp
10
4
1
11
12
3
53
54
96
8
5
7
91
90
92
vc
99
+
+
+
+
+
+
+
-
-
-
-
-
-
-
-
+
r2
2
Figure 55. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com