Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4110 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4110
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4110 Datasheet(HTML) 1 Page - Texas Instruments

  TLV4110 Datasheet HTML 1Page - Texas Instruments TLV4110 Datasheet HTML 2Page - Texas Instruments TLV4110 Datasheet HTML 3Page - Texas Instruments TLV4110 Datasheet HTML 4Page - Texas Instruments TLV4110 Datasheet HTML 5Page - Texas Instruments TLV4110 Datasheet HTML 6Page - Texas Instruments TLV4110 Datasheet HTML 7Page - Texas Instruments TLV4110 Datasheet HTML 8Page - Texas Instruments TLV4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High Output Drive . . . >300 mA
D Rail-To-Rail Output
D Unity-Gain Bandwidth ...2 MHz
D Slew Rate . . . 1.5 V/µs
D Supply Current . . . 700-µA/Per Channel
D Supply Voltage Range . . . 2.5 V to 6 V
D Specified Temperature Range:
– TA = 0°C to 70°C . . . Commercial Grade
– TA = –40°C to 125°C . . . Industrial Grade
D Universal OpAmp EVM
description
The TLV411x single supply operational amplifiers provide output currents in excess of 300 mA at 5 V. This
enables standard pin-out amplifiers to be used as high current buffers or in coil driver applications. The TLV4110
and TLV4113 comes with a shutdown feature.
The TLV411x is available in the ultra small MSOP PowerPAD
™ package, which offers the exceptional thermal
impedance required for amplifiers delivering high current levels.
All TLV411x devices are offered in PDIP, SOIC (single and dual) and MSOP PowerPAD (dual).
FAMILY PACKAGE TABLE
DEVICE
NUMBER OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
CHANNELS
MSOP
PDIP
SOIC
SHUTDOWN
EVM BOARD
TLV4110†
1
8
8
8
Yes
TLV4111†
1
8
8
8
Refer to the EVM
Selection Guide
TLV4112
2
8
8
8
Selection Guide
(Lit# SLOU060)
TLV4113†
2
10
14
14
Yes
(Lit# SLOU060)
† This device is in the Product Preview stage of development. Contact the local TI sales office for more
information.
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 3 V
IOH – High-Level Output Current – mA
TA = 70°C
TA = 25°C
TA = 0°C
TA = –40°C
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.0
0
50
200
100
150
250
300
2.2
2.1
TA = 125°C
TA = –40°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 3 V
IOL – Low-Level Output Current – mA
TA = 70°C
TA = 25°C
TA = 0°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.0
0
50
200
100
150
250
300
0.2
0.1
TA = 125°C
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VDD
2OUT
2IN –
2IN+
TLV4112
D, DGN, OR P PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLV4110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110ID TI1-TLV4110ID Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110IDG4 TI1-TLV4110IDG4 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110IDGNR TI1-TLV4110IDGNR Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110IDGNRG4 TI1-TLV4110IDGNRG4 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110IDR TI1-TLV4110IDR Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC070 TI-TLC070 Datasheet
1Mb / 48P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com