Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2024BIN Datasheet(PDF) 52 Page - Texas Instruments

Part # TLE2024BIN
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2024BIN Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLE2024BIN Datasheet HTML 48Page - Texas Instruments TLE2024BIN Datasheet HTML 49Page - Texas Instruments TLE2024BIN Datasheet HTML 50Page - Texas Instruments TLE2024BIN Datasheet HTML 51Page - Texas Instruments TLE2024BIN Datasheet HTML 52Page - Texas Instruments TLE2024BIN Datasheet HTML 53Page - Texas Instruments TLE2024BIN Datasheet HTML 54Page - Texas Instruments TLE2024BIN Datasheet HTML 55Page - Texas Instruments TLE2024BIN Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191 – FEBRUARY 1997
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 63
–75
TA – Free-Air Temperature – °C
4
125
0
–50
–25
0
25
50
75
100
1
2
3
See Figure 3
CL = 30 pF
RL = 10 kΩ
VCC
± = ±15 V
VCC = 5 V
TLE2021
UNITY-GAIN BANDWIDTH†
vs
FREE-AIR TEMPERATURE
Figure 64
VCC = 5 V
3
2
1
100
75
50
25
0
–25
–50
0
125
4
TA – Free-Air Temperature – °C
–75
RL = 10 kΩ
CL = 30 pF
See Figure 3
VCC
± = ±15 V
TLE2022 AND TLE2024
UNITY-GAIN BANDWIDTH†
vs
FREE-AIR TEMPERATURE
Figure 65
0
50
°
16
40
°
2
4
6
8
10
12
14
42
°
44
°
46
°
48
°
|VCC
±| – Supply Voltage – V
RL = 10 kΩ
CL = 30 pF
TA = 25°C
See Figure 3
TLE2021
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 66
53
°
51
°
49
°
47
°
14
12
10
8
6
4
2
45
°
16
55
°
0
|VCC
±| – Supply Voltage – V
See Figure 3
TA = 25°C
CL = 30 pF
RL = 10 kΩ
TLE2022 AND TLE2024
PHASE MARGIN
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com