Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2452CD Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2452CD
Description  FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2452CD Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV2452CD Datasheet HTML 21Page - Texas Instruments TLV2452CD Datasheet HTML 22Page - Texas Instruments TLV2452CD Datasheet HTML 23Page - Texas Instruments TLV2452CD Datasheet HTML 24Page - Texas Instruments TLV2452CD Datasheet HTML 25Page - Texas Instruments TLV2452CD Datasheet HTML 26Page - Texas Instruments TLV2452CD Datasheet HTML 27Page - Texas Instruments TLV2452CD Datasheet HTML 28Page - Texas Instruments TLV2452CD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
25
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 46
80
60
40
0
10
100
1 k
10k
100
120
f − Frequency − Hz
SHUTDOWN REVERSE ISOLATION
vs
FREQUENCY
140
100k
1M
10M
20
VDD = 3 V and 5 V
VI(PP) = 0.1, 1.5, 2.5 V
RL = 10 kΩ
CL = 28 pF
TA = 25°C
Figure 47
80
60
20
0
10
100
1k
10k
100
120
SHUTDOWN FORWARD ISOLATION
vs
FREQUENCY
140
100k
1M
40
f − Frequency − Hz
VDD = 3 V and 5 V
VI(PP) = 0.1, 1.5, 2.5 V
RL = 10 kΩ
CL = 28 pF
TA = 25°C
PARAMETER MEASUREMENT INFORMATION
_
+
Rnull
RL
CL
Figure 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com