Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2024MN Datasheet(PDF) 24 Page - Texas Instruments

Part # TLE2024MN
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2024MN Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLE2024MN Datasheet HTML 20Page - Texas Instruments TLE2024MN Datasheet HTML 21Page - Texas Instruments TLE2024MN Datasheet HTML 22Page - Texas Instruments TLE2024MN Datasheet HTML 23Page - Texas Instruments TLE2024MN Datasheet HTML 24Page - Texas Instruments TLE2024MN Datasheet HTML 25Page - Texas Instruments TLE2024MN Datasheet HTML 26Page - Texas Instruments TLE2024MN Datasheet HTML 27Page - Texas Instruments TLE2024MN Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
TLE2022 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2022M
TLE2022AM
TLE2022BM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
600
400
250
µV
VIO
Input offset voltage
Full range
800
550
400
µV
Temperature coefficient of
Full range
2
2
2
µV/°C
αVIO
input offset voltage
Full range
2
2
2
µV/°C
Input offset voltage long-term
V0
R50
Ω
25
°C
0 005
0 005
0 005
µV/mo
gg
drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.005
0.005
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
6
0.4
6
0.3
6
nA
IIO
Input offset current
Full range
10
10
10
nA
IIB
Input bias current
25
°C
35
70
33
70
30
70
nA
IIB
Input bias current
Full range
90
90
90
nA
0
– 0.3
0
– 0.3
0
– 0.3
25
°C
to
to
to
to
to
to
VICR
Common-mode input
RS =50 Ω
3.5
4
3.5
4
3.5
4
V
VICR
voltage range
RS = 50 Ω
0
0
0
V
gg
Full range
to
to
to
g
3.2
3.2
3.2
VOH
High level output voltage
25
°C
4
4.3
4
4.3
4
4.3
V
VOH
High-level output voltage
RL =10kΩ
Full range
3.8
3.8
3.8
V
VOL
Low level output voltage
RL = 10 kΩ
25
°C
0.7
0.8
0.7
0.8
0.7
0.8
V
VOL
Low-level output voltage
Full range
0.95
0.95
0.95
V
AVD
Large-signal differential
VO =14Vto4V
RL =10kΩ
25
°C
0.3
1.5
0.4
1.5
0.5
1.5
V/
µV
AVD
gg
voltage amplification
VO = 1.4 V to 4 V,
RL = 10 kΩ
Full range
0.1
0.1
0.1
V/
µV
CMRR
Common mode rejection ratio
VIC =VICRmin
RS =50 Ω
25
°C
85
100
87
102
90
105
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
82
85
dB
kSVR
Supply-voltage rejection ratio
VCC =5Vto30V
25
°C
100
115
103
118
105
120
dB
kSVR
yg
j
(
∆VCC± /∆VIO)
VCC = 5 V to 30 V
Full range
95
98
100
dB
ICC
Supply current
25
°C
450
600
450
600
450
600
µA
ICC
Supply current
VO =2 5V
No load
Full range
600
600
600
µA
∆ICC
Supply current change over
VO = 2.5 V,
No load
Full range
37
37
37
µA
∆ICC
yg
operating temperature range
Full range
37
37
37
µA
† Full range is – 55
°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation
and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com