Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142CPWRG4 Datasheet(PDF) 52 Page - Texas Instruments

Part # TLE2142CPWRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CPWRG4 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLE2142CPWRG4 Datasheet HTML 48Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 49Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 50Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 51Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 52Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 53Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 54Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 55Page - Texas Instruments TLE2142CPWRG4 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
2.5
2
04
8
12
16
20
3
3.5
24
|VCC ±| − Supply Voltage − V
4
TA = 125°C
TA = − 55°C
TA = 25°C
VO = 0
No Load
Figure 24
2.8
3
3.2
3.4
3.6
3.8
SUPPLY CURRENT†
vs
FREE-AIR TEMPERATURE
− 75 − 50 − 25
0
25
50
75
100
125 150
TA − Free-Air Temperature − °C
VO = 0
No Load
VCC ± = ±15 V
VCC ± = ±2.5 V
Figure 25
250
100
50
0
1
100
1 k
150
f − Frequency − Hz
200
10 k
EQUIVALENT INPUT NOISE VOLTAGE†
vs
FREQUENCY
TA = 125°C
TA = − 55°C
TA = 25°C
VCC ± = ±15 V
RS = 20 Ω
10
Figure 26
24
6
0
250
810
t − Time − s
INPUT NOISE VOLTAGE
OVER A 10-SECOND PERIOD
500
750
VCC ± = ±15 V
f = 0.1 to 10 Hz
TA = 25°C
− 250
− 500
− 750
0
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com