Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5616 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5616
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5616 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5616 Datasheet HTML 1Page - Texas Instruments TLV5616 Datasheet HTML 2Page - Texas Instruments TLV5616 Datasheet HTML 3Page - Texas Instruments TLV5616 Datasheet HTML 4Page - Texas Instruments TLV5616 Datasheet HTML 5Page - Texas Instruments TLV5616 Datasheet HTML 6Page - Texas Instruments TLV5616 Datasheet HTML 7Page - Texas Instruments TLV5616 Datasheet HTML 8Page - Texas Instruments TLV5616 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLV5616C, TLV5616I
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG
CONVERTERS WITH POWER DOWN
SLAS152B – DECEMBER 1997 – REVISED MARCH 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 12-Bit Voltage Output DAC
D Programmable Settling Time vs Power
Consumption
3
µs in Fast Mode
9
µs in Slow Mode
D Ultra Low Power Consumption:
900
µW Typ in Slow Mode at 3 V
2.1 mW Typ in Fast Mode at 3 V
D Differential Nonlinearity . . . <0.5 LSB Typ
D Compatible With TMS320 and SPI Serial
Ports
D Power-Down Mode (10 nA)
D Buffered High-Impedance Reference Input
D Voltage Output Range ... 2 Times the
Reference Input Voltage
D Monotonic Over Temperature
D Available in MSOP Package
applications
D Digital Servo Control Loops
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Machine and Motion Control Devices
D Mass Storage Devices
description
The
TLV5616
is
a
12-bit
voltage
output
digital-to-analog converter (DAC) with a flexible
4-wire serial interface. The 4-wire serial interface
allows glueless interface to TMS320, SPI, QSPI,
and Microwire serial ports. The TLV5616 is
programmed with a 16-bit serial string containing
4 control and 12 data bits. Developed for a wide
range of supply voltages, the TLV5616 can
operate from 2.7 V to 5.5 V.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. The settling time of the DAC is programmable to allow
the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits within
the 16-bit serial input string. A high-impedance buffer is integrated on the REFIN terminal to reduce the need
for a low source impedance drive to the terminal.
Implemented with a CMOS process, the TLV5616 is designed for single supply operation from 2.7 V to 5.5 V.
The device is available in an 8-terminal SOIC package. The TLV5616C is characterized for operation from 0
°C
to 70
°C. The TLV5616I is characterized for operation from –40°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE†
(D)
MSOP
(DGK)
PLASTIC DIP
(P)
0
°C to 70°C
TLV5616CD
TLV5616CDGK
TLV5616CP
–40
°C to 85°C
TLV5616ID
TLV5616IDGK
TLV5616IP
† Available in tape and reel as the TLV5616CDR and the TLV5616IDR
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
FS
VDD
OUT
REFIN
AGND
D, DGK, OR P PACKAGE
(TOP VIEW)


Similar Part No. - TLV5616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5616 TI2-TLV5616 Datasheet
808Kb / 32P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2004
TLV56161 TI2-TLV56161 Datasheet
808Kb / 32P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2004
TLV5616C TI2-TLV5616C Datasheet
808Kb / 32P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2004
TLV5616CD TI1-TLV5616CD Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616CD TI2-TLV5616CD Datasheet
808Kb / 32P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2004
More results

Similar Description - TLV5616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com