Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144CDWG4 Datasheet(PDF) 45 Page - Texas Instruments

Part # TLE2144CDWG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144CDWG4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLE2144CDWG4 Datasheet HTML 41Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 42Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 43Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 44Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 45Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 46Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 47Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 48Page - Texas Instruments TLE2144CDWG4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
1, 2, 3
IIO
Input offset current
vs Free-air temperature
4
IIB
Input bias current
vs Common-mode input voltage
5
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
5
6
vs Supply voltage
7
VOM +
Maximum positive peak output voltage
vs Supply voltage
vs Free-air temperature
7
8
VOM +
Maximum positive peak output voltage
vs Free-air temperature
vs Output current
vs Settling time
8
9
11
vs Output current
vs Settling time
9
11
vs Supply voltage
7
VOM −
Maximum negative peak output voltage
vs Supply voltage
vs Free-air temperature
7
8
VOM −
Maximum negative peak output voltage
vs Free-air temperature
vs Output current
vs Settling time
8
10
11
vs Output current
vs Settling time
10
11
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
12
VOH
High-level output voltage
vs Output current
13
VOL
Low-level output voltage
vs Output current
14
AVD
Large-signal differential voltage amplification
vs Frequency
15
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
15
16
zo
Closed-loop output impedance
vs Frequency
17
IOS
Short-circuit output current
vs Free-air temperature
18
CMRR
Common-mode rejection ratio
vs Frequency
19
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
19
20
kSVR
Supply-voltage rejection ratio
vs Frequency
21
kSVR
Supply-voltage rejection ratio
vs Frequency
vs Free-air temperature
21
22
ICC
Supply current
vs Supply voltage
23
ICC
Supply current
vs Supply voltage
vs Free-air temperature
23
24
Vn
Equivalent input noise voltage
vs Frequency
25
Vn
Input noise voltage
Over a 10-second period
26
In
Noise current
vs Frequency
27
THD + N
Total harmonic distortion plus noise
vs Frequency
28
SR
Slew rate
vs Free-air temperature
29
SR
Slew rate
vs Free-air temperature
vs Load capacitance
29
30
Noninverting large signal
vs Time
31
Pulse response
Inverting large signal
vs Time
32
Pulse response
Small signal
vs Time
33
B1
Unity-gain bandwidth
vs Load capacitance
34
Gain margin
vs Load capacitance
35
φm
Phase margin
vs Load capacitance
36
Phase shift
vs Frequency
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com