Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV571DW Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV571DW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571DW Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV571DW Datasheet HTML 16Page - Texas Instruments TLV571DW Datasheet HTML 17Page - Texas Instruments TLV571DW Datasheet HTML 18Page - Texas Instruments TLV571DW Datasheet HTML 19Page - Texas Instruments TLV571DW Datasheet HTML 20Page - Texas Instruments TLV571DW Datasheet HTML 21Page - Texas Instruments TLV571DW Datasheet HTML 22Page - Texas Instruments TLV571DW Datasheet HTML 23Page - Texas Instruments TLV571DW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80
SUPPLY CURRENT
vs
FREE AIR TEMPERATURE
AVDD = DVDD = 5 V, 20 MHz
TA – Free Air Temperature – °C
AVDD = DVDD = 3 V, 10 MHz
Figure 12
0
1
2
3
4
5
6
7
0
2
4
6
8
1012
141618
20
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
AVDD = DVDD = 5 V
AVDD = DVDD = 3 V
Figure 13
ANALOG INPUT BANDWIDTH
vs
FREQUENCY
AVDD = DVDD = 5 V,
AIN = 90% of FS,
REF = 5 V,
TA = 25°C
f – Frequency – MHz
–2
–3
–4
–6
0.1
1
–1
0
1
10
100
–5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com