Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144MJB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144MJB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2144MJB Datasheet(HTML) 2 Page - Texas Instruments

  TLE2144MJB Datasheet HTML 1Page - Texas Instruments TLE2144MJB Datasheet HTML 2Page - Texas Instruments TLE2144MJB Datasheet HTML 3Page - Texas Instruments TLE2144MJB Datasheet HTML 4Page - Texas Instruments TLE2144MJB Datasheet HTML 5Page - Texas Instruments TLE2144MJB Datasheet HTML 6Page - Texas Instruments TLE2144MJB Datasheet HTML 7Page - Texas Instruments TLE2144MJB Datasheet HTML 8Page - Texas Instruments TLE2144MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2141 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUT-
LINE†
(D)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
0
°C to 70°C
500
µV
900
µV
TLE2141ACD
TLE2141CD
—
TLE2141ACP
TLE2141CP
−40
°C to 105°C
500
µV
900
µV
TLE2141AID
TLE2141ID
—
TLE2141AIP
TLE2141IP
−55
°C to 125°C
500
µV
900
µV
—
TLE2141MD
TLE2141AMJG
TLE2141MJG
—
—
† The D packages are available taped and reeled. Add R suffix to device type (e.g.,
TLE2141ACDR).
TLE2142 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
750
µV
TLE2142ACD
—
—
TLE2142ACP
—
—
0
°C to 70°C
1200
µV
TLE2142CD
—
—
TLE2142CP
TLE2142CPWLE
—
−40
°C to 105°C
750
µV
TLE2142AID
—
—
TLC2142AIP
—
—
−40
°C to 105°C
1200
µV
TLE2142ID
—
—
TLC2142IP
—
—
−55
°C to 125°C
750
µV
TLE2142AMD
TLE2142AMFK
TLE2142AMJG
—
—
TLE2142AMU
−55
°C to 125°C
1200
µV
TLE2142MD
TLE2142MFK
TLE2142MJG
—
—
TLE2142MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2142ACDR).
‡ The PW packages are available left-ended taped and reeled. Add LE the suffix to device type (e.g., TLC2142CPWLE).
TLE2144 AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(DW)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
0
°C to 70°C
1.5 mV
2.4 mV
—
TLE2144CDW
—
—
—
—
TLE2144ACN
TLE2144CN
−40
°C to 105°C
1.5 mV
2.4 mV
—
TLE2144IDW
—
—
—
—
TLE2144AIN
TLE2144IN
−55
°C to 125°C
1.5 mV
2.5 mV
—
TLE2144MDW
TLE2144AMFK
TLE2144MFK
TLE2144AMJ
TLE2144MJ
—
—
† The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2144CDWR).
symbol
+
−
OUT
IN +
IN −
OFFSET N1
(see Note A)
OFFSET N2
(see Note A)
NOTES: A. OFFSET N1 AND OFFSET N2
are only availiable on the
TLE2241x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com