Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARG Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # ARG
Description  High Power Metal Glaze??Resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

ARG Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  ARG Datasheet HTML 1Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
ARG Series
1 watt in 1/4 watt physical size (.250 x .090)
TCR of ± 100 ppm/°C with 2 or 5% tolerance
Inherent capability to withstand heavy pulse overloads
Excellent power handling with unsurpassed heat transfer
Performance equal to or exceeding MIL-R-10509 and MIL-R-22684
Spiralled or laser
helixed to resistance
value, tolerance
High temperature
soldered
termination-lead
assembly
30/70 Sn/Pb
electroplated
copper leads
Metal Glaze thick film
element fired at 1000°C
to solid ceramic core
Tough molded jacket
High Power
Metal GlazeResistor
Electrical Data
Physical Data
LL
LD
BL
BD
Power Derating Curve
IRC Type
Power Rating
Resistance
Temperature Coefficient
of Resistance (ppm/°C)
Tolerance
Maximum
Operating Voltage
ARG07
1.0 watt at 70°C
1 to 5.1Ω
100
2%, 5%
250V
IRC Type
Body Length BL
Body Diameter BD
Lead Length LL
Lead Diameter LD
Clean Lead
ARG07
0.250 ± 0.015
(6.4 ± 0.4)
0.090 ± 0.008
(2.3 ± 0.2)
1.50 ± 0.125
(38.1 ± 3.2)
0.025 ± 0.002
(0.64 ± 0.05)
0.310
(7.9)
100
125
150
100
50
0
Ambient Temperature (°C)
175
70
ARG Series Issue July 2008 Sheet 1 of 1


Similar Part No. - ARG

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
ARG314 CAMPBELL-ARG314 Datasheet
337Kb / 2P
ARG314 Rain Gauge
04/10/2022
logo
Allegro MicroSystems
ARG81300 ALLEGRO-ARG81300 Datasheet
862Kb / 22P
Single LNB Supply and Control Voltage Regulator
ARG81300SESWTR ALLEGRO-ARG81300SESWTR Datasheet
862Kb / 22P
Single LNB Supply and Control Voltage Regulator
ARG81400 ALLEGRO-ARG81400 Datasheet
4Mb / 61P
Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
ARG81400KLVATR ALLEGRO-ARG81400KLVATR Datasheet
4Mb / 61P
Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
More results

Similar Description - ARG

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
Metal Glaze??Cylindrical Official Size Power Resistor
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
Metal Glaze General Purpose Surface Mount Power Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
Metal Glaze High Power Density Surface Mount Power Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
logo
List of Unclassifed Man...
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
High Voltage Metal Glaze Resistor
5/4/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com