Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CGH
Description  Precision High-Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CGH Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CGH Datasheet HTML 1Page - IRC - a TT electronics Company. CGH Datasheet HTML 2Page - IRC - a TT electronics Company. CGH Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision High-Voltage
Thick Film Resistors
Environmental Data
Test Condition¹
Maximum
ΔR
(±3
σ)
Typical²
ΔR
Temperature Shock
±0.25%
±0.10%
Short-Time Overload (1.5 times rated V for 10 sec)
±0.20%
±0.10%
Solder Effect
±0.015%
±0.05%
Terminal Strength
±0.20%
±0.05%
Moisture Resistance (no load or polar)
±0.50%
±0.20%
Load Life (1000 hours at 70°C)
±1.00%
±0.25%
Shelf Life (1 year at 25°C)
±0.10%
±0.03%
High-Temperature Exposure (150°C for 2000 hours)
(175°C for 2000 hours)
±0.75%
±0.30%
±0.01%
±0.40%
Dielectric Breakdown³ (1/4 and 1/2 watt size)
(1 watt through 5 watt size)
2000 VDC, 1500 VAC
3500 VDC, 2500 VAC
Dielectric Strength
4
±0.15%
±0.05%
Insulation Resistance at 500 VDC
10
9 ohms typ.
10
11 ohms typ.
Notes:
1. Test method per MIL-STD-202 unless otherwise indicated.
2. Typical defined as that percent change which will include a minimum of 50% of the measured changes in resistance from a variety of lots
representing various unit sizes and ranges.
3. Values shown are the maximum safe dielectric voltage applied from a V block or foil wrapping which extends the complete body length of the
resistor under test.
4. Percent change after the maximum safe dielectric voltage is applied for 1 minute.
CGH Series Issue June 2009 Sheet 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com