Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320C32
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C32 Datasheet HTML 35Page - Texas Instruments TMS320C32 Datasheet HTML 36Page - Texas Instruments TMS320C32 Datasheet HTML 37Page - Texas Instruments TMS320C32 Datasheet HTML 38Page - Texas Instruments TMS320C32 Datasheet HTML 39Page - Texas Instruments TMS320C32 Datasheet HTML 40Page - Texas Instruments TMS320C32 Datasheet HTML 41Page - Texas Instruments TMS320C32 Datasheet HTML 42Page - Texas Instruments TMS320C32 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing of peripheral pin configured as general-purpose I/O (see Figure 32)
NO
’C32 - 40
’C32 - 50
’C32 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
92
tsu(GPIOH1L)
Setup time, general-purpose input before H1 low
10
9
8
ns
93
th(GPIOH1L)
Hold time, general-purpose input after H1 low
0
0
0
ns
94
td(GPIOH1H)
Delay time, general-purpose output after H1 high
13
10
8
ns
Peripheral Pin
(see Note A)
H1
H3
94
94
92
93
NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLKx. The modes of these pins are defined by the contents
of internal control registers associated with each peripheral.
Figure 32. Peripheral-Pin General-Purpose I / O Timing
timing of peripheral pin changing from general-purpose output to input mode (see Figure 33)
NO
’C32 - 40
’C32 - 50
’C32 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
95
th(H1H)
Hold time, after H1 high
13
12
11
ns
96
tsu(GPI0H1L)
Setup time, peripheral pin before H1 low
10
9
8
ns
97
th(GPIOH1L)
Hold time, peripheral pin after H1 low
0
0
0
ns
97
96
95
Value on
Pin Seen
in
Peripheral
Control Register
Synchronizer Delay
Buffers
Go From
Output to Input
Execute Store
of Peripheral
Control
Register
Data Bit
Peripheral Pin
(see Note A)
I/O
Control Bit
H1
H3
Output
Data
Seen
Data Sampled
NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLKx. The modes of these pins are defined by the contents
of internal control registers associated with each peripheral.
Figure 33. Timing of Peripheral Pin Changing From General-Purpose Output to Input-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com