Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVR
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2471CDBVR Datasheet HTML 6Page - Texas Instruments TLV2471CDBVR Datasheet HTML 7Page - Texas Instruments TLV2471CDBVR Datasheet HTML 8Page - Texas Instruments TLV2471CDBVR Datasheet HTML 9Page - Texas Instruments TLV2471CDBVR Datasheet HTML 10Page - Texas Instruments TLV2471CDBVR Datasheet HTML 11Page - Texas Instruments TLV2471CDBVR Datasheet HTML 12Page - Texas Instruments TLV2471CDBVR Datasheet HTML 13Page - Texas Instruments TLV2471CDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
- 800
- 600
- 400
- 200
0
200
400
600
- 0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD=3 V
TA=25° C
VICR - Common-Mode Input Voltage - V
Figure 2
- 800
- 600
- 400
- 200
0
200
400
600
- 0.5
0.5
1.5
2.5
3.5
4.5
5.5
VDD=5 V
TA=25 °C
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR - Common-Mode Input Voltage - V
Figure 3
-10
0
10
20
30
40
50
- 55 - 35 - 15
5
25
45
65
85 105 125
INPUT BIAS AND INPUT OFFSET
CURRENTS
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
IIB
IIO
VDD=3 V
Figure 4
-10
0
10
20
30
40
50
- 55 - 35 - 15
5
25
45
65
85 105 125
INPUT BIAS AND INPUT OFFSET
CURRENTS
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
IIB
IIO
VDD=5 V
Figure 5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH - High-Level Output Current - mA
VDD=3 V
TA=125°C
TA=85°C
TA=25°C
TA=-40°C
Figure 6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1020304050
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL - Low-Level Output Current - mA
VDD=3 V
TA=125°C
TA=85°C
TA=25°C
TA=-40°C
Figure 7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100 120 140 160
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH - High-Level Output Current - mA
VDD=5 V
TA=125°C
TA=85°C
TA=25°C
TA=-40°C
Figure 8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL - Low-Level Output Current - mA
VDD=5 V
TA=125°C
TA=85°C
TA=25°C
TA=-40°C
Figure 9
OUTPUT IMPEDANCE
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
100k
1M
10M
0.1
0.01
1000
10
1
100
AV=10
VDD=3 & 5 V
TA=25°C
AV=100
AV=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com