Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C50 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320C50
Description  DIGITAL SIGNAL PROCESSORS
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C50 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320C50 Datasheet HTML 69Page - Texas Instruments TMS320C50 Datasheet HTML 70Page - Texas Instruments TMS320C50 Datasheet HTML 71Page - Texas Instruments TMS320C50 Datasheet HTML 72Page - Texas Instruments TMS320C50 Datasheet HTML 73Page - Texas Instruments TMS320C50 Datasheet HTML 74Page - Texas Instruments TMS320C50 Datasheet HTML 75Page - Texas Instruments TMS320C50 Datasheet HTML 76Page - Texas Instruments TMS320C50 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
73
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SERIAL-PORT TRANSMIT TIMING IN TDM MODE
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 26)
PARAMETER
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320LC5x-80
’320C5x-100
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
th(TCH-TDV)
Hold time, TDAT/TADD valid after TCLK rising edge
0
0
0
ns
td(TCH-TFV)
Delay time, TFRM valid after TCLK rising edge†
H
3H + 10
H
3H + 7
3H + 5
ns
td(TC-TDV)
Delay time, TCLK to valid TDAT/TADD
20
15
12
ns
† TFRM timing and waveforms shown in Figure 28 are for internal TFRM. TFRM can also be configured as external. The TFRM external case is
illustrated in the receive timing diagram in Figure 27.
timing requirements over recommended ranges of supply voltage and operating ambient-air
temperature [H = 0.5tc(CO)] (see Figure 26)
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320LC5x-80
’320C5x-100
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tc(SCK)
Cycle time, serial-port clock
5.2H‡
8H§
5.2H‡
8H§
5.2H‡
8H§
ns
tf(SCK)
Fall time, serial-port clock
8#
6#
5#
ns
tr(SCK)
Rise time, serial-port clock
8#
6#
5#
ns
tw(SCK)
Pulse duration, serial-port clock low/
high
2.1H‡
2.1H‡
2.1H‡
ns
‡ Values ensured by design and are not tested
§ When SCK is generated internally
¶ The serial-port design is fully static and, therefore, can operate with tc(SCK) approaching ∞. It is characterized approaching an input frequency
of 0 Hz but tested as a much higher frequency to minimize test time.
# Values derived from characterization data and not tested
A7
B2
B8
B7
A3
B12
A2
A0
A1
B0
B1
B13
B14
B0
tw(SCK)
tw(SCK)
td(TC-TDV)
th(TCH-TDV)
tr(SCK)
tf(SCK)
td(TCH-TFV)
TFRM
TADD
TDAT
TCLK
B15
tc(SCK)
td(TC-TDV)
th(TCH-TDV)
td(TCH-TFV)
Figure 26. Serial-Port Transmit Timing in TDM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com