Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C541 Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS320C541
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C541 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320C541 Datasheet HTML 90Page - Texas Instruments TMS320C541 Datasheet HTML 91Page - Texas Instruments TMS320C541 Datasheet HTML 92Page - Texas Instruments TMS320C541 Datasheet HTML 93Page - Texas Instruments TMS320C541 Datasheet HTML 94Page - Texas Instruments TMS320C541 Datasheet HTML 95Page - Texas Instruments TMS320C541 Datasheet HTML 96Page - Texas Instruments TMS320C541 Datasheet HTML 97Page - Texas Instruments TMS320C541 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
94
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
buffered serial port transmit timing of external frames
switching characteristics over recommended operating conditions for buffered serial port
transmit of external frames (see Figure 36)
PARAMETER
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
td(BDX)
Delay time, BDX valid after BCLKX rising
18
18
ns
tdis(BDX)
Disable time, BDX after BCLKX rising
4
6
4
6
ns
tdis(BDX)pcm
Disable time, PCM mode, BDX after BCLKX rising
6
6
ns
ten(BDX)pcm
Enable time, PCM mode, BDX after BCLKX rising
8
8
ns
th(BDX)
Hold time, BDX valid after BCLKX rising
4
2
ns
timing requirements for buffered serial port transmit of external frames (see Figure 36)
’C54x-40
’LC54x-40
’54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
UNIT
tc(SCK)
Cycle time, serial port clock
25
†
20
†
ns
tf(SCK)
Fall time, serial port clock
4
4
ns
tr(SCK)
Rise time, serial port clock
4
4
ns
tw(SCK)
Pulse duration, serial port clock low/high
8.5
6
ns
th(BFSX)
Hold time, BFSX after CLKX falling edge (see Notes 3 and 4)
6
tc(SCK) – 6‡
6
tc(SCK) – 6‡
ns
tsu(BFSX)
Setup time, FSX before CLKX falling edge (see Notes 3 and 4)
6
6
ns
† The serial port design is fully static and therefore can operate with tc(SCK) approaching infinity. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ If BFSX does not meet this specification, the first bit of the serial data is driven on BDX until BFSX goes low (sampled on falling edge of BCLKX).
After falling edge of the BFSX, data will be shifted out on the BDX pin.
NOTES:
3. Internal clock with external BFSX and vice versa are also allowable. However, BFSX timings to BCLKX always are defined
depending on the source of BFSX, and BCLKX timings always are dependent upon the source of BCLKX.
4. Timings for BCLKX and BFSX are given with polarity bits (BCLKP and BFSP) set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com