Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5410 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320VC5410
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5410 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5410 Datasheet HTML 67Page - Texas Instruments TMS320VC5410 Datasheet HTML 68Page - Texas Instruments TMS320VC5410 Datasheet HTML 69Page - Texas Instruments TMS320VC5410 Datasheet HTML 70Page - Texas Instruments TMS320VC5410 Datasheet HTML 71Page - Texas Instruments TMS320VC5410 Datasheet HTML 72Page - Texas Instruments TMS320VC5410 Datasheet HTML 73Page - Texas Instruments TMS320VC5410 Datasheet HTML 74Page - Texas Instruments TMS320VC5410 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
TMS320VC5410
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS075D – OCTOBER 1998 – REVISED MAY 2000
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
multichannel buffered serial port timing (continued)
timing requirements for McBSP as SPI master or slave: [H=0.5tc(CO)] CLKSTP = 11b, CLKXP = 1†
(see Figure 39)
’5410-100
’5410-120
MASTER
SLAVE
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
U
tsu(BDRV-BCKXL)
Setup time, BDR valid before BCLKX
low
12
7 – 6H
12
7 – 6H
ns
th(BCKXL-BDRV)
Hold time, BDR valid after BCLKX low
0
5 + 6H
0
5 + 6H
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
switching characteristics for McBSP as SPI master or slave: [H=0.5tc(CO)] CLKSTP = 11b,
CLKXP = 1†‡ (see Figure 39)
’5410-100
’5410-120
PARAMETER
MASTER‡
SLAVE
MASTER‡
SLAVE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
U
th(BCKXH-BFXL)
Hold time, BFSX low after
BCLKX high§
D – 7
D + 4
D – 7
D + 4
ns
td(BFXL-BCKXL)
Delay time, BFSX low to
BCLKX low¶
T – 7
T + 5
T – 7
T + 5
ns
td(BCKXH-BDXV)
Delay time, BCLKX high to
BDX valid
– 3
4
6H + 4
10H + 15
– 3
4
6H + 4
10H + 15
ns
tdis(BCKXH-BDXHZ)
Disable time, BDX high
impedance following last
data bit from BCLKX high
–2
4
6H + 3
10H + 17
–2
4
6H + 3
10H + 17
ns
td(BFXL-BDXV)
Delay time, BFSX low to BDX
valid
C – 3
C + 5
4H + 2
8H + 17
C – 3
C + 5
4H + 2
8H + 17
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ T = BCLKX period = (1 + CLKGDV) * 2H
C =
BCLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2H when CLKGDV is even
D =
BCLKX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * 2H when CLKGDV is even
§ FSRP = FSXP = 1. As a SPI master, BFSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on BFSX
and BFSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
¶ BFSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(BCLKX).
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com