Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3637D Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS3637D
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637D Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS3637D Datasheet HTML 42Page - Texas Instruments TMS3637D Datasheet HTML 43Page - Texas Instruments TMS3637D Datasheet HTML 44Page - Texas Instruments TMS3637D Datasheet HTML 45Page - Texas Instruments TMS3637D Datasheet HTML 46Page - Texas Instruments TMS3637D Datasheet HTML 47Page - Texas Instruments TMS3637D Datasheet HTML 48Page - Texas Instruments TMS3637D Datasheet HTML 49Page - Texas Instruments TMS3637D Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
6–14
Table 6–7. TRF1400 RF Receiver and TCM3637 Decoder Parts List
(for 300 MHz operation) (continued)
DESIGNATORS
DESCRIPTION
VALUE
MANUFACTURER
MANUFACTURER P/N
L1
Inductor
47 nH
Coilcraft
0805HS470TMBC
L2
Inductor
82 nH
Coilcraft
0805HS820TKBC
L3
Inductor
120 nH
Coilcraft
0805HS121TKBC
L4
Inductor
39 nH
Coilcraft
0805HS390TMBC
P1
RF SMA Connector
Johnson
142–0701–201
R1
Resistor
1200
Ω
R2
Resistor
1200
Ω
R3
Resistor
1M
Ω
R4
Resistor
130 K
Ω, 1%
R5
Resistor
0
Ω
R6
Resistor
1 K
Ω
R7
Resistor
100
Ω
R8
Resistor
1 K
Ω
R9
Resistor
27 k
Ω
R10
Resistor
1M
Ω
U1
RF Receiver
Texas Instruments
TRF1400
U2
Decoder
Texas Instruments
TMS3637
6.7
Programming Station
A programming station schematic is shown in Figure 6–9. This station is made up of two major parts: 1)a
shift register/clock circuit that outputs exactly 35 bits serially (four reset pulses, 22 security bits, and 9
configuration bits), and 2) a transistor ramp generator that outputs the programming pulse required to store
data in the EEPROM. The following paragraphs detail the function of the circuit.
Before the momentary switch SW5 is pressed, the shift registers U9–U13 shift-load input is low so that they
are continually loading whatever code is present on the DIP switches SW1–SW4. In addition, the binary
counter U6 is in a clear state and its output is 00000000.
When momentary switch SW5 is pressed, the set-reset (S-R) latch on U1 acts as a debouncer and outputs
a logic level 1, which releases the clear on binary counter U6. It places a high on the shift input to the shift
registers
U9 – U13, allowing them to shift out the stored 35 bits as soon as a clock is applied to them. The output of
the S-R latch on U1 is also connected to the D input of the D flip-flop on U2. The D flip-flop is clocked by
the free-running 555 timer (U8) configured for astable operation on a 8-kHz clock. Therefore, on the next
rising edge of the U8 clock, the D flip-flop on U2 outputs a high signal. The output of the D flip-flop enables
the AND gate on U3 to pass the 8-kHz clock. The 8-kHz clock signal is routed to the dual 4-bit binary counters
(U6) that have had their CLR terminal released by the S-R latch (from pressing the momentary switch SW5).
The outputs of the U6 counters are connected to the counter-comparator U7, which outputs low when the
count reaches exactly 35 clock pulses (as defined by the code 11000100 on U7 Q inputs). The output of U7
then clears the D flip-flop on U2, the 8-kHz clock is no longer able to pass, and the counting stops.
During this entire counting sequence, the shift registers U9 through U13 are clocked with exactly 35 bits.
Due to the momentary switch being pressed, the S-R latch output is high on the shift-register shift enable,
allowing the registers to shift out the 35 bits of data to the code input of the TMS3637. The TMS3637 is
clocked synchronously with this data on OSCR.
Because the binary counter U6 is released from its cleared state and the U9–U13 registers are allowed to
shift data only during the time that the momentary switch is pressed, it is required that the switch be held



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com