Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 2 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Descriptions
44 PINS
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
A0
A1
A2
A3
A4
A5
A6
A7
20
19
18
17
16
15
13
12
I/O
Port A is a general-purpose bidirectional I / O port.
D3
D4/CP3
D6/CP4
D7/CP5
23
22
24
21
I/O
Port D is a general-purpose bidirectional port.
Also configurable as SYSCLK (see Note 1)
PACT input capture 3 (see Note 2)
PACT input capture 4 (see Note 2)
PACT input capture 5 (see Note 2)
CP1
CP2
CP6
40
36
34
I
PACT Input capture pin 1
PACT Input capture pin 2
PACT Input capture pin 3
AN0/E0
AN1/E1
AN2/E2
AN3/E3
AN4/E4
AN5/E5
AN6/E6
AN7/E7
25
26
27
28
30
31
32
33
I
ADC1 analog input pins (AN0 – AN7) / port E digital input pins (E0 – E7)
Port E can be programmed individually as a general-purpose digital input pin if it is not used as ADC1 analog
input or positive reference input.
INT1
INT2
INT3
7
8
9
I
I/O
I/O
External interrupt (non-maskable or maskable) / general-purpose input pin
External maskable interrupt input/general purpose bidirectional pin
External maskable interrupt input/general purpose bidirectional pin
OP1
OP2
OP3
OP4
OP5
OP6
OP7
OP8
42
43
44
1
2
3
4
5
O
PACT output pin 1
PACT output pin 2
PACT output pin 3
PACT output pin 4
PACT output pin 5
PACT output pin 6
PACT output pin 7
PACT output pin 8
SCIRXD
SCITXD
35
41
I
O
PACT mini SCI data receive input pin
PACT mini SCI data transmit output pin
RESET
6
I/O
System reset bidirectional pin; as input pin, RESET initializes the microcontroller; as open-drain output,
RESET indicates that an internal failure was detected by watchdog or oscillator fault circuit.
MC
39
I
Mode control input pin; enables EEPROM write protection override (WPO) mode, also EPROM VPP
XTAL2 / CLKIN
XTAL1
38
37
I
O
Internal oscillator crystal input / External clock source input
Internal oscillator output for crystal
VCC1
VSS1
VCC3
VSS3
10
14
11
29
Positive supply voltage for digital logic and digital I/O pins
Ground reference for digital logic and digital I/O pins
ADC1 positive supply voltage and optional positive reference input
ADC1 ground supply and low reference input pin
† I = input, O = output
NOTES:
1. D3 can be configured as SYSCLK by appropriately programming the DPORT1 and DPORT2 registers.
2. These digital I/O buffers are connected internally to some of the PACT module’s input capture pins. This allows the microcontroller
to read the level on the input capture pin, or if the port D pin is configured as an output, to generate a capture. Be careful to leave
the port D pin configured as an input if the corresponding input capture pin is being driven by external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com