Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 24Page - Texas Instruments TMS77C82 Datasheet HTML 25Page - Texas Instruments TMS77C82 Datasheet HTML 26Page - Texas Instruments TMS77C82 Datasheet HTML 27Page - Texas Instruments TMS77C82 Datasheet HTML 28Page - Texas Instruments TMS77C82 Datasheet HTML 29Page - Texas Instruments TMS77C82 Datasheet HTML 30Page - Texas Instruments TMS77C82 Datasheet HTML 31Page - Texas Instruments TMS77C82 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device numbering conventions
Figure 7 illustrates the numbering and symbol nomenclature for the TMS370Cx32 family.
7
370
32
C
Prefix: TMS = Standard prefix for fully qualified devices
SE = System evaluator (window EPROM) that is used for
prototyping purpose.
Family:
370 = TMS370 8-Bit Microcontroller Family
Technology:
C = CMOS
Program Memory Types:
0 = Mask ROM
3 = Mask ROM, No Data EEPROM
7 = EPROM
Device Type:
32 = x32 device containing the following modules:
– Analog-to-Digital Converter 1
– Programmable Acquisition and
Control Timer (PACT)
Memory Size:
2 = 8K bytes
Temperature Ranges:
A = –40
°C to 85°C
L =
0
°C to 70°C
T = –40
°C to 105°C
Packages:
FN = Plastic Leaded Chip Carrier
FZ = Ceramic Leaded Chip Carrier
ROM and EPROM Option:
A = For ROM device, the watchdog timer can be configured
as one of the three different mask options:
– A standard watchdog or
– A hard watchdog or
– A simple watchdog
The clock can be either:
– Divide-by-4 clock or
– Divide-by-1 (PLL) clock
The low-power modes can be either:
– Enabled or
– Disabled
A = For EPROM device, a standard watchdog, a divide-by-
4 clock, and low-power modes are enabled
TMS
AFN T
Figure 7. TMS370Cx32 Family Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com