Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
modes
The TMS370Cx6x has four operating modes, two basic modes with each mode having two memory
configurations. The basic operating modes are the microcomputer and microprocessor modes, which are
selected by the voltage level applied to the dedicated MC pin two cycles before RESET goes inactive. The two
memory configurations then are selected through software programming of the internal system configuration
registers. The four operating modes are the microcomputer single chip, microcomputer with external expansion,
microprocessor without internal program memory, and microprocessor with internal program memory. These
modes are described in the following list.
D Microcomputer single chip mode:
–
Operates as a self-contained microcomputer with all memory and peripherals on-chip
–
Maximizes the general-purpose I/O capability for real-time control applications
D Microcomputer with external expansion mode:
–
Supports bus expansion to external memory or peripherals, while all on-chip memory (RAM, ROM,
EPROM, and data EEPROM) remains active
–
Configures digital I/O ports (ports A, B, C, and D) through software, under control of the associated port
control, to become external memory as follows:
–
Port A: 8-bit data memory
–
Port B and Port C: 16-bit address memory
–
Port D: 5-bit control memory (pin not used as function A or B can be configured as I/O)
–
Utilizes the pins available (not used for address, data, or control memory) as general-purpose
input/output by programming them individually
–
Lowers the system cost by not requiring an external address/data latch (address memory and data
memory are nonmultiplexed)
–
Reduces external interface decode logic by using the precoded chip select outputs that provide direct
memory/peripheral chip select or chip enable functions
–
Function A maps up to 24K bytes of external memory into the address space by using CSE1 and CSH1
as memory-bank selects under software control.
–
Function B maps up to 24K bytes of external memory into the address space by using EDS under
software control.
D Microprocessor without internal program memory mode:
–
Ports A, B, C, and D (these ports are not programmable) become the address, data, and control buses
for interface to external memory and peripherals.
–
On-chip RAM and data EEPROM remain active, while the on-chip ROM or EPROM is disabled.
–
Program area and the reset, interrupt, and trap vectors are located in off-chip memory locations.
D Microprocessor with internal program memory mode:
–
Configured as the microprocessor without internal program memory mode with respect to the external
bus interface
–
Application program in external memory enables the internal program ROM or EPROM to be active in
the system. (Writing a zero to the MEMORY DISABLED control bit (SCCR1.2) of the SCCR1 control
register accomplishes this.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com