Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD110-13 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PD110-13
Description  110 WATT DC TO DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PD110-13 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PD110-13 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PD110-13 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower PD110-13 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC TO DC CONVERTERS
PD110 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(3)
Output #1
Output #2(1)
Output #3
Output #4
Output
Model
Vnom. Imin.
Imax.
Tol.
Vnom. Imin. Imax.
Ipeak Tol.
Vnom. Imin. Imax. Tol.
Vnom. Imin. Imax. Tol.
Power (2)
PD110-10
5V
0A
22A
3%
(N/A)
(N/A)
(N/A)
110W
PD110-12
12V
0A
9.0A
2%
(N/A)
(N/A)
(N/A)
110W
PD110-13
15V
0A
7.5A
2%
(N/A)
(N/A)
(N/A)
110W
PD110-14
24V
0A
4.5A
2%
(N/A)
(N/A)
(N/A)
110W
PD110-16
30V
0A
3.6A
2%
(N/A)
(N/A)
(N/A)
110W
PD110-23
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
(N/A)
(N/A)
110W
PD110-31
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
(N/A)
110W
PD110-32
+5V
0.8A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
(N/A)
110W
PD110-40
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
-5V
0A
1A
4%
110W
PD110-41
+5V
0.8A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
+24V
0A
1A
4%
110W
PD110-42
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
PD110-45-1
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
0A
1.5A
10%
110W
PD110-45-2
+5V
0.8A
10A
3%
+24V
0A
3A
5.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
PD110-46
+5V
0.8A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
-5V
0A
1A
4%
110W
Notes: (1) Peak output current with 10% maximum duty cycle for less than 60 seconds.
(2) PD110”M” & “H” series are suitable only for 110 watts maximum at 20 CFM forced air cooling or 80 watts maximum at
convection cooling.
PD110”L” series are suitable only for 90 watts maximum at 20 CFM forced air cooling or 70 watts
maximum at convection cooling.
(3) Suffix codes for input range, mechanical format and connector are as follows.
PD110-X1X2X3X4X5, “X1X2” is the
model code from the above table, “X3” is the input range (L=10-20 VDC, M=18-36 VDC, H=36-72 VDC),
“X4” is the
mechanical format (A=open PCB, B=L-bracket, C=enclosed) and “X5” is the input and output connector code
(Blank=Molex KK type, T=miniature terminal block), e.g. PD110-31MCT (18-36 VDC input range, enclosed format and
miniature terminal blocks).
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Molex KK type connectors:
Input connector mates with Molex housing
09-50-3051 and Molex 2878 series crimp
terminal.
Output connector mates with Molex housing
09-50-3131 and Molex 2878 series crimp
terminal.
4.
Miniature terminal blocks:
Input terminals allow wires up to 2mm
2
(AWG #14).
Output terminals allow wires up to 2mm
2
(AWG #14).
5.
Weight: 640grams (PCB format)
6.
See the mechanical details of L-bracket and
enclosed formats in page 7-2.
PIN CHART
1
2
3
4
5
6
1,2,3
4,5
6,7
8,9
10
11
12
13
PD110-10
PD110-13
PD110-16
PD110-12
PD110-14
OUTPUT
#1
RETURN
RETURN
OUTPUT
#1
N.C.
N.C.
KEY
N.C.
PD110-23
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
N.C.
N.C.
KEY
N.C.
PD110-31
PD110-32
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
N.C.
OUTPUT
#3
KEY
N.C.
PD110-40
PD110-42
PD110-45-2
PD110-41
PD110-45-1
PD110-46
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
N.C.
OUTPUT
#3
KEY
OUTPUT
#4
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
MINI.
TERMINAL
MOLEX
CONNECTOR
MODEL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com